Electronic Components Datasheet Search
  English  ▼

X  

LX1721 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1721 Datasheet HTML 2Page - Microsemi Corporation LX1721 Datasheet HTML 3Page - Microsemi Corporation LX1721 Datasheet HTML 4Page - Microsemi Corporation LX1721 Datasheet HTML 5Page - Microsemi Corporation LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation LX1721 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2001
Rev. 1.2a,2004-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
BLOCK DIAGRAM
SLEEP
VREF
V25
CN
PVDD
CP
LP+
LN+
LP-
LN-
LFAOUT
LFBK-
LFBK+
VDD
LISN
CLOCK
RPW M
CPW M
LEAOUT
LEAIN
LAMPOUT
LIN-
LIN+
LMUTE
UVLO
&
REFERENCE
OUTPUT
DRIVERS
&
LOGIC
FAULT
TIMER
5V
Reference
28
10
7
17
CLK
OSC
SYNC
+
-
220m V
PVDD
MUX
MUTE
MUTE
11
5
6
13
4
12
2
3
8
42
41
1
44
FEEDBACK AMP
ERROR AMP
CURRENT SENSE
INPUT AMP
43
27,39
36
37
34
35
S
R
Q
Q
CLK
5V
Reference
40
2.5V
2.5V
FIGURE 1
– LX1721 / 22 SIMPLIFIED BLOCK DIAGRAM (LEFT CHANNEL CIRCUIT SHOWN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com