Electronic Components Datasheet Search
  English  ▼

X  

LX1721 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1721 Datasheet HTML 3Page - Microsemi Corporation LX1721 Datasheet HTML 4Page - Microsemi Corporation LX1721 Datasheet HTML 5Page - Microsemi Corporation LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation LX1721 Datasheet HTML 10Page - Microsemi Corporation LX1721 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2001
Rev. 1.2a,2004-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
APPLICATION INFORMATION
Frequency Synchronization
Two or more LX1721 / LX1722 oscillators can be configured for
synchronous operation. One unit, the master, is programmed for
the desired frequency with the RPWM and CPWM as usual.
Additional units will be slave units, and their oscillators will be
disabled by leaving the RPWM pin disconnected. The CLOCK pin
and the CPWM pin of the slave units should be tied to the CLOCK
pin and the CPWM pin of the master unit respectively. In this
configuration, the CLOCK pins of the slave units begin receiving
instead of transmitting clock pulses. Also, the CPWM pins quit
driving the PWM capacitor in the slave units. Note that for
optimum performance, all slave units should be located within a
few inches of the master unit.
Oscillator Configuration (RPWM and CPWM selection)
The oscillator is programmed by the external timing components
RPWM and CPWM. For a nominal frequency of 333kHz, RPWM and
CPWM should be set to 49.9kOhms and 100pF respectively. Note that
in order to keep the slope of the PWM ramp voltage proportional to
the supply voltage, both the ramp peak and valley voltages, and the
charge and discharge currents are proportional to the supply voltage.
This keeps the frequency relatively constant while keeping the slope
of the PWM ramp proportional to the voltage on the VDD pin. For
operating frequencies other than 333kHz, the frequency can be
approximated by the following equation:
ns
C
R
PWM
PWM
320
)
)(
)(
577
.
0
(
1
Frequency
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com