Electronic Components Datasheet Search
  English  ▼

X  

LX1990 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1990
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1990 Datasheet HTML 1Page - Microsemi Corporation LX1990 Datasheet HTML 2Page - Microsemi Corporation LX1990 Datasheet HTML 3Page - Microsemi Corporation LX1990 Datasheet HTML 4Page - Microsemi Corporation LX1990 Datasheet HTML 5Page - Microsemi Corporation LX1990 Datasheet HTML 6Page - Microsemi Corporation LX1990 Datasheet HTML 7Page - Microsemi Corporation LX1990 Datasheet HTML 8Page - Microsemi Corporation LX1990 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2001
Rev. 1.0d, 2005-03-14
LX1990
Dual Programmable LED Current Sink
TM
®
RECOMM END E D O P ERATI NG CONDI T I ONS
LX1990
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
2.7
5.5
V
ENA (ENABLE) Input Voltage
0
VDD
V
ISET Voltage
0
1.25
V
ISET Current
0
300
µA
IOUTA / IOUTB Compliance Voltage Range
0.1
10
V
IOUTA / IOUTB Output Current Range
0.1
30
mA
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C
≤ T
A
≤ 85°C and the
following test conditions: VDD = 2.7 to 5.5 VDC, ISET = 200µA, VOUT
≤ 5.5V, VLOAD ≤ 10V. Typical values are at T
A= 25°C
LX1990
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Power Characteristics
Quiescent Current
I_QUI
VDD = 2.7V; ISET = 0uA
1.4
2
mA
Quiescent Current
I_QUI
VDD = 5.5V; ISET = 300uA
3.0
4
mA
Sleep Current
1
I_SLEEP
VDD = 5.5V, ENA
≤ 0.4V
0.08
1
µA
Enable Input
Enable Logic Threshold
VTH_EN
0.8
1.55
2.4
V
Enable Input Current
IIN_EN
ENA = VDD = 5.5V
4
10
µA
ISET to Out Pulse Response
TD(ON)
1.2
2
µS
ISET to Out Pulse Response
TD(OFF)
1.4
2
µS
ISET Input
ISET Current Range
IISET
RSET terminated to GND
0
300
µA
ISET Voltage
VISET
ISET = 200uA
1.225
1.25
1.275
VDC
Output Characteristics
Output Current Amplitude
IOUT
0.5 < VOUT < 5.5V, ISET = 200µA
18.5
20
21.5
mADC
OUTA to OUTB Current Matching
IOUT_MATCH
IOUT = 20mA ; (IOUTA – IOUTB ) / IOUTA * 100
0.4
5
%
ISET to IOUT Current Ratio
IOUT_RATIO
IOUT/ISET; ISET = 200µA ; VDD = 5.5V
102
ISET to IOUT Current Ratio
IOUT_RATIO
IOUT/ISET; ISET = 200µA ; VDD = 2.7V
99
Output Current ISET = 0µA
IOUT_ZERO
0.5 < VOUT < VLOAD, ISET = 0µA
10
100
µADC
Dropout Voltage
2
VDROPOUT
IOUT = 20mA
150
300
mV
Dropout Voltage
2
VDROPOUT
IOUT = 30mA
200
400
mV
Maximum Output Current, ISET
Shorted To Gnd. Each Output
ISC
VISET = Zero Volts; VDD=5V
100
mADC
Output Off State Current
IOUTOFF
ENA
≤ 0.4V
20
µADC
1 At enable voltages greater than 0.4V but less than 0.8V the outputs will remain off but the sleep current may be greater than 1µA.
2 Dropout is defined as the OUTA/B to GND voltage at which the output current sink drops 10% from the nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com