Electronic Components Datasheet Search
  English  ▼

X  

LX1990 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1990
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1990 Datasheet HTML 2Page - Microsemi Corporation LX1990 Datasheet HTML 3Page - Microsemi Corporation LX1990 Datasheet HTML 4Page - Microsemi Corporation LX1990 Datasheet HTML 5Page - Microsemi Corporation LX1990 Datasheet HTML 6Page - Microsemi Corporation LX1990 Datasheet HTML 7Page - Microsemi Corporation LX1990 Datasheet HTML 8Page - Microsemi Corporation LX1990 Datasheet HTML 9Page - Microsemi Corporation LX1990 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2001
Rev. 1.0d, 2005-03-14
LX1990
Dual Programmable LED Current Sink
TM
®
TY PI CAL CHARACT ER I S TI CS
VDD = 5V, ENA = 5V, ISET = 200µA, TA = 25°C. Unless otherwise noted.
IOUT Vs. Temperature @ ISET = 200µA
19.6
19.8
20
20.2
20.4
20.6
20.8
-45
-20530
55
80
105
130
Tem p (°C)
IOUT A @ 2.7V
IOUTB @ 2.7V
IOUTA @ 5V
IOUTB @ 5V
Output Off Leakage Current vs.VOUT ENA=0.4V
0
2
4
6
8
10
12
14
02
4
6
8
10
12
V
OUT (V)
2.7V
5V
5.5V
IOUT vs ISET
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
I
SET (µA)
2.7V
5.5V
5V
VDROPOUT vs. Current
0
5
10
15
20
25
30
35
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Dropout (V)
5mA
10mA
15mA
20mA
25mA
30mA
Output Current vs. VDD
19.9
20
20.1
20.2
20.3
20.4
20.5
20.6
20.7
2.73.7
4.75.7
VDD (V)
BOUT
AOUT
Enable to Output Response
ENA
2V /
DIV
IOUT
10mA /
DIV
10µs / DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com