Electronic Components Datasheet Search
  English  ▼

X  

LX1990 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1990
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1990 Datasheet HTML 3Page - Microsemi Corporation LX1990 Datasheet HTML 4Page - Microsemi Corporation LX1990 Datasheet HTML 5Page - Microsemi Corporation LX1990 Datasheet HTML 6Page - Microsemi Corporation LX1990 Datasheet HTML 7Page - Microsemi Corporation LX1990 Datasheet HTML 8Page - Microsemi Corporation LX1990 Datasheet HTML 9Page - Microsemi Corporation LX1990 Datasheet HTML 10Page - Microsemi Corporation LX1990 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2001
Rev. 1.0d, 2005-03-14
LX1990
Dual Programmable LED Current Sink
TM
®
DIMMING METHOD S
VDD
ENA
ISET GND
I
OUTA
I
OUTB
PWM
R
SET
VDD
ENA
ISET GND
I
OUTA
I
OUTB
ON / OFF
R
MIN
R
STEP
VDD
ENA
ISET GND
I
OUTA
I
OUTB
3V
R
MIN
R
MAX
Figure 5 – PWM on Enabled
(Lowest IQ)
Figure 6 – Precision 2 Steps
Figure 7 – Manual Control
VDD
ENA
ISET GND
I
OUTA
I
OUTB
ON / OFF
R
SET
PW M
VDD
ENA
ISET GND
I
OUTA
I
OUTB
1K
C
SLOPE
5K
10K
100K
PWM
2N2222A
8.2nF
VDD
ENA
ISET GND
I
OUTA
I
OUTB
6.3K
2N2222
10K
100K
PWM
ON / OFF
1V /
DIV
10µs / DIV
10mA /
DIV
1V /
DIV
20µs / DIV
10µA /
DIV
1V /
DIV
20µs / DIV
10mA /
DIV
Figure 8 – PWM Dimming Totem Pole
Output
Figure 9 – PWM – Low EMI
Wide Range
Figure 10 – PWM – Wide Range 500:1 +



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com