Electronic Components Datasheet Search
  English  ▼

X  

D471N Datasheet(PDF) 7 Page - eupec GmbH

Part # D471N
Description  Netz-Gleichrichterdiode Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D471N Datasheet(HTML) 7 Page - eupec GmbH

  D471N Datasheet HTML 1Page - eupec GmbH D471N Datasheet HTML 2Page - eupec GmbH D471N Datasheet HTML 3Page - eupec GmbH D471N Datasheet HTML 4Page - eupec GmbH D471N Datasheet HTML 5Page - eupec GmbH D471N Datasheet HTML 6Page - eupec GmbH D471N Datasheet HTML 7Page - eupec GmbH D471N Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D 471N
BIP AC / SM PB, 2003-05-27, Schneider / Keller
7/8
Seite/page
Ta bei Sinus
V
R = 1000V
max.
V
R = 100V
typ.
0
50
100
150
200
250
300
350
400
450
500
010
20
30
40
-di/dt [A/µs]
Rückstromspitze / Peak reverse recovery current IRM = f(-di/dt)
Tvj=Tvjmax, C = 0,22µF, R = 83Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com