Electronic Components Datasheet Search
  English  ▼

X  

D471N Datasheet(PDF) 4 Page - eupec GmbH

Part # D471N
Description  Netz-Gleichrichterdiode Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D471N Datasheet(HTML) 4 Page - eupec GmbH

  D471N Datasheet HTML 1Page - eupec GmbH D471N Datasheet HTML 2Page - eupec GmbH D471N Datasheet HTML 3Page - eupec GmbH D471N Datasheet HTML 4Page - eupec GmbH D471N Datasheet HTML 5Page - eupec GmbH D471N Datasheet HTML 6Page - eupec GmbH D471N Datasheet HTML 7Page - eupec GmbH D471N Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D 471N
BIP AC / SM PB, 2003-05-27, Schneider / Keller
4/8
Seite/page
R,t – Werte
R
R,T-Werte
Analytische Elemente des transienten Wärmewiderstandes Z thJC
Analytical elements of transient thermal impedance Z thJC
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,01316
0,00706
0,00552
0,00225
0,00001
beidseitig
two-sided
τ
n [s]
0,636
0,0967
0,016
0,00428
0,0003
Rthn [°C/W]
0,04142
0,00142
0,009
0,00558
0,00058
anodenseitig
anode-sided
τ
n [s]
3,22
0,256
0,079
0,0092
0,00239
Rthn [°C/W]
0,03514
0,0038
0,00823
0,00547
0,00136
kathodenseitig
cathode-sided
τ
n [s]
4,17
0,378
0,086
0,0117
0,00354
Analytische Funktion / Analytical function:
Σ
−
=
τ
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
bi
ci
ai
0
0,01
0,02
0,03
0,04
0,05
0,06
0,07
0,001
0,01
0,1
1
10
100
t [s]
Transienter innerer Wärmewiderstand für DC/ Transient thermal impedance Z thJC = f(t) for DC
a : Anodenseitige Kühlung / Anode-sided cooling
b : Beidseitige Kühlung / Two-sided cooling
c : Kathodenseitige Kühlung / Cathode-sided cooling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com