Electronic Components Datasheet Search
  English  ▼

X  

HVC Datasheet(PDF) 1 Page - HolyStone International

Part # HVC
Description  High Voltage NP0 and X7R Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HVC Datasheet(HTML) 1 Page - HolyStone International

  HVC Datasheet HTML 1Page - HolyStone International HVC Datasheet HTML 2Page - HolyStone International HVC Datasheet HTML 3Page - HolyStone International HVC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 How To Order
HVC Series
High Voltage NP0 and X7R Capacitors
Up to 5KV
Operating Temperature
-55~+125
℃
Rated Voltage
100Vdc to 5000Vdc
Temperature Coefficient
NP0 :
≤
± 30ppm/
℃ ,-55~+125℃(EIAClassΙ)
X7R :
≤
± 15%
, -55~+125
℃(EIAClassⅡ)
Dissipation Factor
NP0: Q
≧1000; X7R:D.F.≦2.5%
Insulation Resistance
10G
Ω or 500/C Ω whichever is smaller
Ageing
NP0:0% ; X7R: Typically 1.0% per decade of time
Dielectric Strength
100V
≦V<500V :200%RatedVoltage
500V
≦V<1000V :150%RatedVoltage
1000V
≦V :120%RatedVoltage
 Summary of Specifications
 Special internal electrode design offer
the highest voltage rating.
 Surface mount suited for solder wave and
reflow soldering.
 High reliability.
 RoHS compliant.
 Suitable for LAN/WLAN interface,
Back-Lighting Inverter, DC-DC Converters,
Ballast, Modems & Power Supplies.
Product Code
C : MLCC
Multilayer
Ceramic
Capacitor
Chip Size
EX. :
0603
0805
1206
1210
1808
1812
2220
2225
Dielectric
Ex. :
N : NP0
X : X7R
Capacitance
Unit : pF
Ex. :
2R0 : 2.0pF
100 : 10
×100
471 : 47
×101
102 : 10
×102
Tolerance
Ex. :
C : +/-0.25pF
D : +/-0.50pF
J : +/- 5%
K : +/-10%
M : +/-20%
Rated
Voltage
Ex. :
101 : 100Vdc
251 : 250Vdc
501 : 500Vdc
631 : 630Vdc
102 : 1000Vdc
202 : 2000Vdc
302 : 3000Vdc
402 : 4000Vdc
502 : 5000Vdc
Packaging
T : Tape
& Reel
B : Bulk
Special
Requirement
Ex. :
O : Arc
Prevention
Coating
X : Polymer
Termination
(Super Term)
HVC Series - High Voltage Capacitors
Holy Stone high voltage products are designed and manufactured to meet the general requirements of
international standards. This product offering is well suited for commercial and industrial applications and
includes NP0 (C0G) and X7R characteristics in sizes 0603 to 2225 and with working voltages up to 5KV.
 Applications.
 Features
C
1210
X
103
K
102
T
X
- 5 -


Similar Part No. - HVC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
HVC JIANGHAI-HVC Datasheet
456Kb / 2P
PC SMD 105째C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
Robust thick film construction
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
29110B753JO0 CDE-29110B753JO0 Datasheet
208Kb / 5P
High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
27102B473JO0 CDE-27102B473JO0 Datasheet
116Kb / 2P
High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
logo
AVX Corporation
08051U100JATJA AVX-08051U100JATJA Datasheet
1Mb / 8P
RF/Microwave C0G (NP0) Capacitors (RoHS)
logo
HolyStone International
HCN HOLYSTONECAPS-HCN Datasheet
287Kb / 2P
High Capacitance NP0 - 1nF and above
HCX HOLYSTONECAPS-HCX Datasheet
295Kb / 2P
High Capacitance X7R - 100nF and above
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
Large Size NP0 & X7R MLCC Capacitors
logo
AVX Corporation
CU01 AVX-CU01 Datasheet
238Kb / 2P
RF/Microwave C0G (NP0) Capacitors (RoHS)
logo
EPCOS
B37641K7475K62 EPCOS-B37641K7475K62 Datasheet
211Kb / 13P
Multilayer Ceramic Capacitors HighCap; X5R and X7R
logo
AVX Corporation
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
RF Microwave C0G (NP0) Capacitors (RoHS)
logo
YAGEO Corporation
CC1206KKX7R0BB104 YAGEO-CC1206KKX7R0BB104 Datasheet
389Kb / 16P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage: NP0 X7R (Pb Free & RoHS compliant)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com