Electronic Components Datasheet Search
  English  ▼

X  

HVC Datasheet(PDF) 4 Page - HolyStone International

Part # HVC
Description  High Voltage NP0 and X7R Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HVC Datasheet(HTML) 4 Page - HolyStone International

  HVC Datasheet HTML 1Page - HolyStone International HVC Datasheet HTML 2Page - HolyStone International HVC Datasheet HTML 3Page - HolyStone International HVC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HVC Series - High Voltage Capacitors
- 8 -
 Capacitance Range 2KV
Symbol Code
S
O
A
B
C
D
E
F
G
H
Thickness(mm)
0.3±0.03
0.5±0.05
0.6±0.1
0.85±0.1
1.0±0.1
1.25±0.15
1.6±0.2
2.0±0.2
2.4±0.2
2.8±0.2
 Thickness Specification
Other dimensions, capacitance values and voltage ratings are available on request. Please contact your local HEC office.
 Capacitance Range 3KVdc to 5KVdc
D D D D D D D D D D D D D D D/E D/E D/E E
E E
D D D D D D D D D D D D D D D D D D E/F E/F E/F E/F E/F E/F
D D D D D D D E E F F F F F F F F
Temperature
Characteristic
Size
Rated
Voltage
2KV
Capacitance Range (pF)
NP0
1206
2KV
1808
2KV
1812
D D D D D D D D D/E E E
D D D D D D D D D E E E F G
D D D D D D D D D D D D D D E F F
D D D D D D D D D D E E F F F F F F G H
E E E E F F F
D D D D D D E E F F F F F
E/F E/F
1825
2KV
2220
2KV
2225
2KV
Capacitance Range (pF)
X7R
1206
2KV
1210
2KV
1808
2KV
1812
2KV
Temperature
Characteristic
Size
Rated
Voltage
D D D D D D D D D D D E E E
D D D D D D D D D D D D D D D D D D D E E E/F E/F E/F E/F E/F F F F F F
F F F F F F F F F F F F
D D D D D D D D D D D D E/F E/F E/F E/F E/F E/F E/F E/F E/F E/F F F G
F F F F F F F F F F F F F F
F F F F F F F F F F F F F F F F F
F F F F F F F F F F F F F F F F F F F F F
2208
5KV
2220
5KV
Size
Rated
Voltage
1812
3KV
Capacitance Range (pF)
NP0
1206
3KV
1808
3KV
5KV
2211
5KV
Temperature
Characteristic
D D D D D D D D D D D F F F
D D D D D/E D/E D/E D/F D/F D/F D/F
E F F F F F F F
X7R
1808
3KV
4KV
1812
3KV
Capacitance Range (pF)
Temperature
Characteristic
Size
Rated
Voltage
Consult HEC for thickness information
Symbol Code
S
O
A
B
C
D
E
F
G
H
Thickness(mm)
0.3±0.03
0.5±0.05
0.6±0.1
0.85±0.1
1.0±0.1
1.25±0.15
1.6±0.2
2.0±0.2
2.4±0.2
2.8±0.2
 Thickness Specification
Other dimensions, capacitance values and voltage ratings are available on request. Please contact your local HEC office.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com