Electronic Components Datasheet Search
  English  ▼

X  

HVC Datasheet(PDF) 3 Page - HolyStone International

Part # HVC
Description  High Voltage NP0 and X7R Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HVC Datasheet(HTML) 3 Page - HolyStone International

  HVC Datasheet HTML 1Page - HolyStone International HVC Datasheet HTML 2Page - HolyStone International HVC Datasheet HTML 3Page - HolyStone International HVC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 Capacitance Range – X7R 100Vdc to 1KVdc
HVC Series - High Voltage Capacitors
- 7 -
 Capacitance Range – NP0 100Vdc to 1KVdc cont.
D D D
2225
100V
200V
250V
500V
630V
1KV
Temperature
Characteristic
Size
Rated
Voltage
Capacitance Range (pF)
NP0
B B B B B B B B B B B B B B B B B B B B B B B B B B
B B B B B B B B B B B B B B B B B B B B B B B B B B B B C
B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C D D D D
B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C D D D D
B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C C C C C C C C C C
C C C C C B/C B/C B/C B/C B/C B/C B/C C C C C C C C C C
B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C C C C D E E E
B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C C/D D/E D/E D/E
B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C B/C C/D D/E D/E D/E
C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C D
D D D D D D D D D D D D D D D D D D D D D D D D D E E
D D D D D D D D D D D D D D D D D D D D D
C C C C C C C C C C C C C C C C C C C C C D E E F G G
C C C C C C C C C C C C D D D D D E E E F
C C C C C C C C C C C C D D D D D E E E F
D D D D D D E E E F F F F
D D D D D E
D D D D D D D D D D D D D D D
D D D D E E E F F F
D D D D D D D D D D D D D D D D D D D D D D D D D D D D D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E E E E E E F G
D D D D D D D D D D D D D D D D D D D D D D D D D D D D D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E E E E F G
D D D D D D D D D D D D D D D D D D D D D D D D D D D D D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E D/E E E E F G
D D D D D D D D D D D D D D D D D D D D D D D D D D D D E E E E E F F/G H H
D D D D D D D D D D D D D D D D D D E E E E E E F F/G F/G F/G F/G
D D D D D D D D D D D E E F H
D D D D D D D D D D D E E F H
E E E E E F G G H
E E E E E E E/F F F G G H H
D D D D D D D D D D D D D D D D D D D D E E E E E
D D D D D D D D D D D D D D D D D D D D E E E E E
D D D D D D D D D D D E E E
D D D E E F F F F F F F F
D D D D D D D D D D D D D D D D D E G
D D D D D D D D D D D D D D D D D E G
E E E E E E E E E F F
E E E E E
2225
200V
250V
500V
1KV
2220
200V
250V
500V
1KV
1825
200V
250V
500V
1KV
1808
500V
1KV
1812
100V
200V
250V
500V
1KV
1210
100V
200V
250V
500V
1KV
1206
100V
200V
250V
500V
630V
1KV
Capacitance Range (pF)
X7R
0603
100V
0805
100V
200V
250V
500V
1KV
Temperature
Characteristic
Size
Rated
Voltage
Consult HEC for thickness information
Symbol Code
S
O
A
B
C
D
E
F
G
H
Thickness(mm)
0.3±0.03
0.5±0.05
0.6±0.1
0.85±0.1
1.0±0.1
1.25±0.15
1.6±0.2
2.0±0.2
2.4±0.2
2.8±0.2
 Thickness Specification
Other dimensions, capacitance values and voltage ratings are available on request. Please contact your local HEC office.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com