Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA2560 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA2560
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA2560 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA2560 Datasheet HTML 9Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 10Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 11Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 12Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 13Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 14Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 15Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 16Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
411
2549MS–AVR–09/10
ATmega640/1280/1281/2560/2561
(0x100)
PINHPINH7
PINH6
PINH5
PINH4
PINH3
PINH2
PINH1
PINH0
103
(0xFF)
Reserved
-
-
-
-
-
-
-
-
(0xFE)
Reserved
-
-
-
-
-
-
-
-
(0xFD)
Reserved
-
-
-
-
-
-
-
-
(0xFC)
Reserved
-
-
-
-
-
-
-
-
(0xFB)
Reserved
-
-
-
-
-
-
-
-
(0xFA)
Reserved
-
-
-
-
-
-
-
-
(0xF9)
Reserved
-
-
-
-
-
-
-
-
(0xF8)
Reserved
-
-
-
-
-
-
-
-
(0xF7)
Reserved
-
-
-
-
-
-
-
-
(0xF6)
Reserved
-
-
-
-
-
-
-
-
(0xF5)
Reserved
-
-
-
-
-
-
-
-
(0xF4)
Reserved
-
-
-
-
-
-
-
-
(0xF3)
Reserved
-
-
-
-
-
-
-
-
(0xF2)
Reserved
-
-
-
-
-
-
-
-
(0xF1)
Reserved
-
-
-
-
-
-
-
-
(0xF0)
Reserved
-
-
-
-
-
-
-
-
(0xEF)
Reserved
-
-
-
-
-
-
-
-
(0xEE)
Reserved
-
-
-
-
-
-
-
-
(0xED)
Reserved
-
-
-
-
-
-
-
-
(0xEC)
Reserved
-
-
-
-
-
-
-
-
(0xEB)
Reserved
-
-
-
-
-
-
-
(0xEA)
Reserved
-
-
-
-
-
-
-
-
(0xE9)
Reserved
-
-
-
-
-
-
-
-
(0xE8)
Reserved
-
-
-
-
-
-
-
-
(0xE7)
Reserved
-
-
-
-
-
-
-
(0xE6)
Reserved
-
-
-
-
-
-
-
-
(0xE5)
Reserved
-
-
-
-
-
-
-
-
(0xE4)
Reserved
-
-
-
-
-
-
-
-
(0xE3)
Reserved
-
-
-
-
-
-
-
(0xE2)
Reserved
-
-
-
-
-
-
-
-
(0xE1)
Reserved
-
-
-
-
-
-
-
(0xE0)
Reserved
-
-
-
-
-
-
-
(0xDF)
Reserved
-
-
-
-
-
-
-
-
(0xDE)
Reserved
-
-
-
-
-
-
-
-
(0xDD)
Reserved
-
-
-
-
-
-
-
(0xDC)
Reserved
-
-
-
-
-
-
-
-
(0xDB)
Reserved
-
-
-
-
-
-
-
-
(0xDA)
Reserved
-
-
-
-
-
-
-
-
(0xD9)
Reserved
-
-
-
-
-
-
-
(0xD8)
Reserved
-
-
-
-
-
-
-
-
(0xD7)
Reserved
-
-
-
-
-
-
-
-
(0xD6)
UDR2
USART2 I/O Data Register
222
(0xD5)
UBRR2H
-
-
-
-
USART2 Baud Rate Register High Byte
227
(0xD4)
UBRR2L
USART2 Baud Rate Register Low Byte
227
(0xD3)
Reserved
-
-
-
-
-
-
-
-
(0xD2)
UCSR2C
UMSEL21
UMSEL20
UPM21
UPM20
USBS2
UCSZ21
UCSZ20
UCPOL2
239
(0xD1)
UCSR2B
RXCIE2
TXCIE2
UDRIE2
RXEN2TXEN2
UCSZ22
RXB82
TXB82
238
(0xD0)
UCSR2A
RXC2
TXC2
UDRE2
FE2
DOR2
UPE2
U2X2
MPCM2
238
(0xCF)
Reserved
-
-
-
-
-
-
-
-
(0xCE)
UDR1
USART1 I/O Data Register
222
(0xCD)
UBRR1H
-
-
-
-
USART1 Baud Rate Register High Byte
227
(0xCC)
UBRR1L
USART1 Baud Rate Register Low Byte
227
(0xCB)
Reserved
-
-
-
-
-
-
-
-
(0xCA)
UCSR1C
UMSEL11
UMSEL10
UPM11
UPM10
USBS1
UCSZ11
UCSZ10
UCPOL1
239
(0xC9)
UCSR1B
RXCIE1
TXCIE1
UDRIE1
RXEN1TXEN1
UCSZ12
RXB81
TXB81
238
(0xC8)
UCSR1A
RXC1
TXC1
UDRE1
FE1
DOR1
UPE1
U2X1
MPCM1
238
(0xC7)
Reserved
-
-
-
-
-
-
-
-
(0xC6)
UDR0
USART0 I/O Data Register
222
(0xC5)
UBRR0H
-
-
-
-
USART0 Baud Rate Register High Byte
227
(0xC4)
UBRR0L
USART0 Baud Rate Register Low Byte
227
(0xC3)
Reserved
-
-
-
-
-
-
-
-
(0xC2)
UCSR0C
UMSEL01
UMSEL00
UPM01
UPM00
USBS0
UCSZ01
UCSZ00
UCPOL0
239
(0xC1)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0TXEN0
UCSZ02
RXB80
TXB80
238
(0xC0)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
238
(0xBF)
Reserved
-
-
-
-
-
-
-
-
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com