Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA2560 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA2560
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA2560 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA2560 Datasheet HTML 17Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 18Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 19Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 20Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 21Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 22Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 23Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 24Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
2549MS–AVR–09/10
ATmega640/1280/1281/2560/2561
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. See “Speed Grades” on page 369.
3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
8.2
ATmega1281
Speed (MHz)(2)
Power Supply
Ordering Code
Package(1)(3)
Operation Range
81.8V - 5.5V
ATmega1281V-8AU
ATmega1281V-8MU
64A
64M2
Industrial
(-40
°C to 85°C)
16
2.7V - 5.5V
ATmega1281-16AU
ATmega1281-16MU
64A
64M2
Industrial
(-40
°C to 85°C)
Package Type
64A
64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M2
64-pad, 9 × 9 × 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF)
100A
100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
100C1
100-ball, Chip Ball Grid Array (CBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com