Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA2560 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA2560
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA2560 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA2560 Datasheet HTML 1Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 2Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 3Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 4Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 5Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 6Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 7Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 8Page - ATMEL Corporation ATMEGA2560 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
2549MS–AVR–09/10
ATmega640/1280/1281/2560/2561
Figure 1-2.
CBGA-pinout ATmega640/1280/2560
Note:
The functions for each pin is the same as for the 100 pin packages shown in Figure 1-1 on page 2.
A
B
C
D
E
F
G
H
J
K
1
2345678910
A
B
C
D
E
F
G
H
J
K
1098765432
1
Top view
Bottom view
Table 1-1.
CBGA-pinout ATmega640/1280/2560
1
2
3
4
5
678
9
10
A
GND
AREF
PF0
PF2
PF5
PK0
PK3
PK6
GNDVCC
B
AVCC
PG5
PF1
PF3
PF6
PK1
PK4
PK7
PA0
PA2
C
PE2
PE0
PE1
PF4
PF7
PK2
PK5
PJ7
PA1
PA3
D
PE3
PE4
PE5
PE6
PH2
PA4
PA5
PA6
PA7
PG2
E
PE7
PH0
PH1
PH3
PH5
PJ6
PJ5
PJ4
PJ3
PJ2
F
VCC
PH4
PH6
PB0
PL4
PD1
PJ1
PJ0
PC7
GND
G
GND
PB1
PB2
PB5
PL2
PD0
PD5
PC5
PC6
VCC
H
PB3
PB4
RESET
PL1
PL3
PL7
PD4
PC4
PC3
PC2
J
PH7
PG3
PB6
PL0
XTAL2
PL6
PD3
PC1
PC0
PG1
K
PB7
PG4
VCC
GND
XTAL1
PL5
PD2
PD6
PD7
PG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com