Electronic Components Datasheet Search
  English  ▼

X  

FMP06N60ES Datasheet(PDF) 4 Page - Fuji Electric

Part # FMP06N60ES
Description  N-CHANNEL SILICON POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMP06N60ES Datasheet(HTML) 4 Page - Fuji Electric

  FMP06N60ES Datasheet HTML 1Page - Fuji Electric FMP06N60ES Datasheet HTML 2Page - Fuji Electric FMP06N60ES Datasheet HTML 3Page - Fuji Electric FMP06N60ES Datasheet HTML 4Page - Fuji Electric FMP06N60ES Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FMP06N60ES
4
FUJI POWER MOSFET
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
IAS=2.4A
IAS=3.6A
IAS=6.0A
starting Tch [°C]
Maximum Avalanche Energy vs. starting Tch
E(AV)=f(starting Tch):Vcc=60V,I(AV)<=6A
10-6
10-5
10-4
10-3
10-2
10-1
100
10
-3
10
-2
10
-1
10
0
101
Maximum Transient Thermal Impedance
Zth(ch-c)=f(t):D=0
t [sec]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com