Electronic Components Datasheet Search
  English  ▼

X  

MAX5965AEAX Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5965AEAX
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965AEAX Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5965AEAX Datasheet HTML 17Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 18Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 19Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 20Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 21Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 22Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 23Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 24Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
______________________________________________________________________________________
21
Overcurrent Protection
A sense resistor RS connected between SENSE_ and
VEE monitors the load current. Under normal operating
conditions, the voltage across RS (VRS) never exceeds
the threshold VSU_LIM. If VRS exceeds VSU_LIM, an
internal current-limiting circuit regulates the GATE_ volt-
age, limiting the current to ILIM = VSU_LIM/RS. During
transient conditions, if VRS exceeds VSU_LIM by more
than 1V, a fast pulldown circuit activates to quickly
recover from the current overshoot. During startup, if
the current-limit condition persists, when the startup
timer, tSTART, times out, the port shuts off, and the
STRT_FLT_ bit is set. In the normal powered state, the
MAX5965A/MAX5965B check for overcurrent condi-
tions as determined by VFLT_LIM = ~88% of VSU_LIM.
The tFAULT counter sets the maximum allowed continu-
ous overcurrent period. The tFAULT counter increases
when VRS exceeds VFLT_LIM and decreases at a slower
pace when VRS drops below VFLT_LIM. A slower decre-
ment for the tFAULT counter allows for detecting repeat-
ed short-duration overcurrents. When the counter
reaches the tFAULT limit, the MAX5965A/MAX5965B
power off the port and assert the IMAX_FLT_ bit. For a
continuous overstress, a fault latches exactly after a
period of tFAULT. VSU_LIM is programmable through the
ICUT registers R2Ah[6:4], R2Ah[2:0], R2Bh[6:4],
R2Bh[2:0], and the IVEE bits in register R29h[1:0]. See
the
High-Power Mode section for more information on
the ICUT register.
After power-off due to an overcurrent fault, and if the
RSTR_EN bit is set, the tFAULT timer is not immediately
reset but starts decrementing at the same slower pace.
The MAX5965A/MAX5965B allow the port to be pow-
ered on only when the tFAULT counter is at zero. This
feature sets an automatic duty-cycle protection to the
external MOSFET avoiding overheating.
The MAX5965A/MAX5965B continuously flag when the
current exceeds the maximum current allowed for the
class as indicated in the CLASS status register. When
class overcurrent occurs, the MAX5965A/MAX5965B
set the IVC_ bit in register R09h.
ICUT Register and High-Power Mode
ICUT Register
The ICUT register determines the maximum current lim-
its allowed for each port of the MAX5965A/MAX5965B.
The 3 ICUT bits (R2Ah[6:4], R2Ah[2:0], R2Bh[6:4], and
R2Bh[2:0]) allow programming of the current-limit and
overcurrent thresholds in excess of the IEEE standard
limit (see Tables 34a, 34b, and 34c). The ICUT regis-
ters can be written to directly through the I2C interface
when CL_DISC (R17h[2]) is set to 0 (see Table 3). In
this case, the current limit of the port is configured
regardless of the status of the classification.
By setting the CL_DISC bit to 1, the MAX5965A/
MAX5965B automatically set the ICUT register based
upon the classification result of the port. See Table 3
and the
Register Map and Description section.
High-Power Mode
When CL_DISC (R17h[2]) is set to 0, high-power mode
is configured by setting the ICUT bits to any combina-
tion other than 000, 110, or 111 (note that 000 is the
default value for the IEEE standard limit). See Table 3
and the
Register Map and Description section.
Foldback Current
During startup and normal operation, an internal circuit
senses the voltage at OUT_ and reduces the current-
limit value when (VOUT_ - VEE) > 28V. The foldback
function helps to reduce the power dissipation on the
FET. The current limit eventually reduces down to 1/3 of
ILIM when (VOUT_ - VEE ) > 48V (see Figure 3a). For
high-power mode, the foldback starts when (VOUT_ -
VEE ) > 10V (see Figure 3b). In high-power mode, the
current limit (ILIM) is reduced down to minimum fold-
back current (VTH_FB/RS) when (VOUT_ - VEE ) > 48V.
Figure 2. PGOOD_ Timing
PGOOD_
POK_
tPGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com