Electronic Components Datasheet Search
  English  ▼

X  

MAX5965AEAX Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX5965AEAX
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965AEAX Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX5965AEAX Datasheet HTML 35Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 36Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 37Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 38Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 39Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 40Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 41Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 42Page - Maxim Integrated Products MAX5965AEAX Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
______________________________________________________________________________________
39
Enable 2-event classification for a port by setting the corre-
sponding ENx_CL6 bit (Table 25). When the bit is enabled,
the classification cycle will be repeated three times at
21.3ms intervals. The device keeps the output voltage
around -9V between each cycle. The repetition of the clas-
sification cycles enables discovering of class 6 PDs. The
ENx_CL6 bit is active only in auto- or semi-mode.
Note: Performing three consecutive classifications in
manual mode is not the same as performing 2-event
classification in semi or auto mode.
Enable the SMODE function (Table 25) by setting
EN_WHDOG (R1Fh[7]) to 1. The SMODE_ bit goes high
when the watchdog counter reaches zero and the
port(s) switch over to hardware-controlled mode.
SMODE_ also goes high each and every time the soft-
ware tries to power on a port, but is denied since the
port is in hardware mode. A reset sets R1Ch = 00h.
Table 25. SMODE and 2-Event Enable Register
ADDRESS = 1Ch
SYMBOL
BIT
CoR or
R/W
DESCRIPTION
EN4_CL6
7
R/W
Port 4 2-event classification enabled
EN3_CL6
6
R/W
Port 3 2-event classification enabled
EN2_CL6
5
R/W
Port 2 2-event classification enabled
EN1_CL6
4
R/W
Port 1 2-event classification enabled
SMODE4
3
CoR
Port 4 hardware control flag
SMODE3
2
CoR
Port 3 hardware control flag
SMODE2
1
CoR
Port 2 hardware control flag
SMODE1
0
CoR
Port 1 hardware control flag
Table 26. Watchdog Register
ADDRESS = 1Eh
SYMBOL
BIT
R/W
DESCRIPTION
7
R/W
WDTIME[7]
6
R/W
WDTIME[6]
5
R/W
WDTIME[5]
4
R/W
WDTIME[4]
3
R/W
WDTIME[3]
2
R/W
WDTIME[2]
1
R/W
WDTIME[1]
WDTIME
0
R/W
WDTIME[0]
Set EN_WHDOG (R1Fh[7]) to 1 to enable the watchdog
function. When activated, the watchdog timer counter,
WDTIME[7:0], continuously decrements toward zero
once every 164ms. Once the counter reaches zero
(also called watchdog expiry), the MAX5965A/
MAX5965B enter hardware-controlled mode and each
port shifts to a mode set by the HWMODE_ bit in regis-
ter R1Fh (Table 27). Use software to set WDTIME
(Table 26) and continuously set this register to some
nonzero value before the register reaches zero to pre-
vent a watchdog expiry. In this way, the software grace-
fully manages the power to ports upon a system crash
or switchover.
While in hardware-controlled mode, the MAX5965A/
MAX5965B ignore all requests to turn the power on and
the flag SMODE_ indicates that the hardware has taken
control of the MAX5965A/MAX5965B operation. In addi-
tion, the software is not allowed to change the mode of
operation in hardware-controlled mode. A reset sets
R1Eh = 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com