Electronic Components Datasheet Search
  English  ▼

X  

MAX7313 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 10Page - Maxim Integrated Products MAX7313 Datasheet HTML 11Page - Maxim Integrated Products MAX7313 Datasheet HTML 12Page - Maxim Integrated Products MAX7313 Datasheet HTML 13Page - Maxim Integrated Products MAX7313 Datasheet HTML 14Page - Maxim Integrated Products MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products MAX7313 Datasheet HTML 17Page - Maxim Integrated Products MAX7313 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
14
______________________________________________________________________________________
Table 3. Power-Up Configuration
REGISTER DATA
REGISTER FUNCTION
POWER-UP CONDITION
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Blink phase 0 outputs P7–P0
High-impedance outputs
0x02
1
1
1
1
1
1
1
1
Blink phase 0 outputs P15–P8
High-impedance outputs
0x03
1
1
1
1
1
1
1
1
Ports configuration P7–P0
Ports P7–P0 are inputs
0x06
1
1
1
1
1
1
1
1
Ports configuration P15–P8
Ports P15–P8 are inputs
0x07
1
1
1
1
1
1
1
1
Blink phase 1 outputs P7–P0
High-impedance outputs
0x0A
1
1
1
1
1
1
1
1
Blink phase 1 outputs P15–P8
High-impedance outputs
0x0B
1
1
1
1
1
1
1
1
Master, O16 intensity
PWM oscillator is disabled;
O16 is static logic output
0x0E
0
0
0
0
1
1
1
1
Configuration
INT/O16 is interrupt output;
blink is disabled;
global intensity is enabled
0x0F
0
0
0
0
1
1
0
0
Outputs intensity P1, P0
P1, P0 are static logic outputs
0x10
1
1
1
1
1
1
1
1
Outputs Intensity P3, P2
P3, P2 are static logic outputs
0x11
1
1
1
1
1
1
1
1
Outputs intensity P5, P4
P5, P4 are static logic outputs
0x12
1
1
1
1
1
1
1
1
Outputs intensity P7, P6
P7, P6 are static logic outputs
0x13
1
1
1
1
1
1
1
1
Outputs intensity P9, P8
P9, P8 are static logic outputs
0x14
1
1
1
1
1
1
1
1
Outputs intensity P11, P10
P11, P10 are static logic outputs
0x15
1
1
1
1
1
1
1
1
Outputs intensity P13, P12
P13, P12 are static logic outputs
0x16
1
1
1
1
1
1
1
1
Outputs intensity P15, P14
P15, P14 are static logic outputs
0x17
1
1
1
1
1
1
1
1
Table 4. Configuration Register
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
CONFIGURATION
R/
W
Write device configuration
0
X
Read back device configuration
1
INT
O
O1
O0
I
G
B
E
Disable blink
—
XXXXXXX
0
Enable blink
—
XXXXXXX
1
—
XXXXXX
01
Flip blink register (see text)
—
0x0F
XXXXXX
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com