Electronic Components Datasheet Search
  English  ▼

X  

MAX7313 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7313 Datasheet HTML 1Page - Maxim Integrated Products MAX7313 Datasheet HTML 2Page - Maxim Integrated Products MAX7313 Datasheet HTML 3Page - Maxim Integrated Products MAX7313 Datasheet HTML 4Page - Maxim Integrated Products MAX7313 Datasheet HTML 5Page - Maxim Integrated Products MAX7313 Datasheet HTML 6Page - Maxim Integrated Products MAX7313 Datasheet HTML 7Page - Maxim Integrated Products MAX7313 Datasheet HTML 8Page - Maxim Integrated Products MAX7313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
V+ .............................................................................-0.3V to +4V
SCL, SDA, AD0, AD1, AD2, P0–P15 ........................-0.3V to +6V
INT/O16 ....................................................................-0.3V to +8V
DC Current on P0–P15, INT/O16 ........................................55mA
DC Current on SDA.............................................................10mA
Maximum GND Current ....................................................350mA
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.5mW/°C over +70°C)..............761mW
24-TQFN (derate 20.8mW/°C over +70°C) ................1666mW
Operating Temperature Range (TMIN to TMAX)-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, V+ = 2V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
2
3.6
V
Output Load External Supply
Voltage
VEXT
0
5.5
V
TA = +25°C
1.2
2.3
TA = -40°C to +85°C
2.8
Standby Current
(Interface Idle, PWM Disabled)
I+
SCL and SDA at V+; other
digital inputs at V+ or GND;
PWM intensity control disabled
TA = TMIN to TMAX
3.6
µA
TA = +25°C
8.5
15.1
TA = -40°C to +85°C
16.5
Supply Current
(Interface Idle, PWM Enabled)
I+
SCL and SDA at V+; other
digital inputs at V+ or GND;
PWM intensity control enabled
TA = TMIN to TMAX
17.2
µA
TA = +25°C
50
95.3
TA = -40°C to +85°C
99.2
Supply Current
(Interface Running, PWM
Disabled)
I+
fSCL = 400kHz; other digital
inputs at V+ or GND; PWM
intensity control disabled
TA = TMIN to TMAX
102.4
µA
TA = +25°C
57
110.2
TA = -40°C to +85°C
117.4
Supply Current
(Interface Running, PWM
Enabled)
I+
fSCL = 400kHz; other digital
inputs at V+ or GND; PWM
intensity control enabled
TA = TMIN to TMAX
122.1
µA
Input High Voltage
SDA, SCL, AD0, AD1, AD2,
P0–P15
VIH
0.7 ✕
V+
V
Input Low Voltage
SDA, SCL, AD0, AD1, AD2,
P0–P15
VIL
0.3 ✕
V+
V
Input Leakage Current
SDA, SCL, AD0, AD1, AD2,
P0–P15
IIH, IIL
Input = GND or V+
-0.2
+0.2
µA
Input Capacitance
SDA, SCL, AD0, AD1, AD2,
P0–P15
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com