Electronic Components Datasheet Search
  English  ▼

X  

MAX7313 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 14Page - Maxim Integrated Products MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products MAX7313 Datasheet HTML 17Page - Maxim Integrated Products MAX7313 Datasheet HTML 18Page - Maxim Integrated Products MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products MAX7313 Datasheet HTML 21Page - Maxim Integrated Products MAX7313 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
18
______________________________________________________________________________________
Table 10. PWM Application Scenarios
APPLICATION
RECOMMENDED CONFIGURATION
All outputs static without PWM
Set the master, O16 intensity register 0x0E to any value 0x00 to 0x0F.
The global intensity G bit in the configuration register is don't care.
The output intensity registers 0x10 through 0x17 are don't care.
A mix of static and PWM outputs, with PWM
outputs using different PWM settings
Set the master, O16 intensity register 0x0E to any value from 0x10 to 0xFF.
Clear global intensity G bit to 0 in the configuration register to disable global intensity
control.
For the static outputs, set the output intensity value to 0xF.
For the PWM outputs, set the output intensity value in the range 0x0 to 0xE.
A mix of static and PWM outputs, with PWM
outputs all using the same PWM setting
As above. Global intensity control cannot be used with a mix of static and PWM
outputs, so write the individual intensity registers with the same PWM value.
All outputs PWM using the same PWM
setting
Set the master, O16 intensity register 0x0E to any value except from 0x10 to 0xFF.
Set global intensity G bit to 1 in the configuration register to enable global intensity
control.
The master, O16 intensity register 0x0E is the only intensity register used.
The output intensity registers 0x10 through 0x17 are don't care.
Figure 11. PWM Timing
ONE PWM PERIOD IS 240 CYCLES OF THE 32kHz PWM
OSCILLATOR. A PWM PERIOD CONTAINS 15 MASTER
INTENSITY TIMESLOTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
14
15
1
2
EACH MASTER INTENSITY
TIMESLOT CONTAINS 16
PWM CYCLES
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
15 16
1
2
Figure 12. Master Set to 1/15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
14
15
2
1
.
Figure 14. Master Set to 15/15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
14
15
2
1
.
.
Figure 13. Master Set to 14/15
1
2
3
4
5
6
7
8
9 10 11 12 13 14
15
14
15
2
1
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com