Electronic Components Datasheet Search
  English  ▼

X  

KTN2907AE Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTN2907AE
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2907AE Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTN2907AE Datasheet HTML 1Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 2Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 3Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2004. 1. 29
2/4
KTN2907AE
Revision No : 0
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=-30V, VEB=-0.5V
-
-
-50
nA
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-10
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-60
-
-
V
Collector-Emitter Breakdown Voltage
*
V(BR)CEO
IC=-10mA, IB=0
-60
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-5
-
-
V
DC Current Gain
*
hFE(1)
IC=-0.1mA, VCE=-10V
75
-
-
hFE(2)
IC=-1.0mA, VCE=-10V
100
-
-
hFE(3)
IC=-10mA, VCE=-10V
100
-
-
hFE(4)
IC=-150mA, VCE=-10V
100
-
300
hFE(5)
IC=-500mA, VCE=-10V
50
-
-
Collector-Emitter Saturation Voltage
*
VCE(sat)1
IC=-150mA, IB=-15mA
-
-
-0.4
V
VCE(sat)2
IC=-500mA, IB=-50mA
-
-
-1.6
Base-Emitter Saturation Voltage
*
VBE(sat)1
IC=-150mA, IB=-15mA
-
-
-1.3
V
VBE(sat)2
IC=-500mA, IB=-50mA
-
-
-2.6
Transition Frequency
fT
VCE=-20V, IC=-50mA, f=100MHz
200
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
8
pF
Input Capacitance
Cib
VBE=-2V, IC=0, f=1.0MHz
-
-
30
pF
Switching
Time
Delay Time
td
VCC=-30V, IC=-150mA
IB1=-15mA
-
-
10
nS
Rise Time
tr
-
-
40
Storage Time
tstg
VCC=-6V, IC=-150mA
IB1=-IB2=-15mA
-
-
80
Fall Time
tf
-
-
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com