Electronic Components Datasheet Search
  English  ▼

X  

KTN2907AE Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTN2907AE
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2907AE Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTN2907AE Datasheet HTML 1Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 2Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 3Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2004. 1. 29
4/4
KTN2907AE
Revision No : 0
0
25
0
AMBIENT TEMPERATURE Ta ( C)
P
- Ta
COLLECTOR-BASE VOLTAGE V
(V)
CB
Cob - V
C
50
100
150
CB
1.0
-0.1
10
-1.0
-10
-100
-300
COMMON EMITTER
Ta=25 C
100
50
75
100
125
150
175
EMITTER-BASE VOLTAGE V
(V)
EB
3.0
30
Cib
Cob
f=1MHz,
EB
Cib - V
200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com