Electronic Components Datasheet Search
  English  ▼

X  

KTN2907AE Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTN2907AE
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2907AE Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTN2907AE Datasheet HTML 1Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 2Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 3Page - KEC(Korea Electronics) KTN2907AE Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2004. 1. 29
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTN2907AE
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
Low Leakage Current
: ICEX=-50nA(Max.) ; VCE=-30V, VEB=-0.5V.
Low Saturation Voltage
: VCE(sat)=-0.4V(Max.) ; IC=-150mA, IB=-15mA.
Complementary to the KTN2222AE.
DIM
MILLIMETERS
A
B
D
E
ESM
1.60 0.10
0.85 0.10
0.70 0.10
0.27+0.10/-0.05
1.60 0.10
1.00 0.10
0.50
0.13 0.05
C
G
H
J
1
3
2
E
B
D
J
1. EMITTER
2. BASE
3. COLLECTOR
+_
+_
+_
+_
+_
+_
MAXIMUM RATING (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-600
mA
Collector Power Dissipation (Ta=25 )
PC
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Marking
Z H


Similar Part No. - KTN2907AE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2907A KEC-KTN2907A Datasheet
369Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2907A KEC-KTN2907A Datasheet
369Kb / 1P
TO-92 PACKAGE
KTN2907AS KEC-KTN2907AS Datasheet
375Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING)
KTN2907AS KEC-KTN2907AS Datasheet
21Kb / 1P
SOT-23 PACKAGE
KTN2907AS KEC-KTN2907AS Datasheet
583Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTN2907AE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com