Electronic Components Datasheet Search
  English  ▼

X  

ACS8510 Datasheet(PDF) 44 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 40Page - Semtech Corporation ACS8510 Datasheet HTML 41Page - Semtech Corporation ACS8510 Datasheet HTML 42Page - Semtech Corporation ACS8510 Datasheet HTML 43Page - Semtech Corporation ACS8510 Datasheet HTML 44Page - Semtech Corporation ACS8510 Datasheet HTML 45Page - Semtech Corporation ACS8510 Datasheet HTML 46Page - Semtech Corporation ACS8510 Datasheet HTML 47Page - Semtech Corporation ACS8510 Datasheet HTML 48Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
44
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
Figure 8: Automatic Mode Control State Diagram.
pre-locked
w ait for up to 100s
(state 110)
locked
keep ref
(state 100)
holdover
select ref
(state 010)
(2) all refs evaluated
&
at least one ref valid
(5) selected ref
phase locked
(3) no valid standby ref
&
(main ref invalid
or out of lock >100s)
(14) all refs evaluated
&
at least one ref valid
pre-locked2
w ait for up to 100s
(state 101)
(10) selected source phase
locked
(6) no valid standby ref
&
main ref invalid
free-run
select ref
(state 001)
(1)Reset
Reference sources are flagged as ’valid’ when
active, ’in-band’ and have no phase alarm set.
All sources are continuously checked for
activity and frequency.
Only the main source is checked for phase.
A phase lock alarm is only raised on a
reference when that reference has lost phase
whilst being used as the main reference. The
micro-processor can reset the phase lock
alarm.
A source is considered to have phase locked
when it has b een continuously in phase lock
for between 1 and 2 seconds
Lost phase
w ait for up to 100s
(state 111)
(7) phase lost
on main ref
(8) phase
regained within
100s
(12) valid standby ref
&
(main ref invalid
or out of lock >100s)
(13) no valid standby ref
&
(main ref invalid
or out of lock >100s)
(11) no valid standby ref
&
(main ref invalid
or out of lock >100s)
(9) valid standby ref
&
[ main ref invalid or
(higher-priority ref valid
& in revertive mode) ]
(15) valid standby ref
&
[ main ref invalid or
(higher-priority ref valid
& in revertive mode) or
out of lock >100s]
(4) valid standby ref
&
[ main ref invalid or
(higher-priority ref valid
& in revertive mode) or
out of lock >100s]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com