Electronic Components Datasheet Search
  English  ▼

X  

ACS8510 Datasheet(PDF) 49 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 45Page - Semtech Corporation ACS8510 Datasheet HTML 46Page - Semtech Corporation ACS8510 Datasheet HTML 47Page - Semtech Corporation ACS8510 Datasheet HTML 48Page - Semtech Corporation ACS8510 Datasheet HTML 49Page - Semtech Corporation ACS8510 Datasheet HTML 50Page - Semtech Corporation ACS8510 Datasheet HTML 51Page - Semtech Corporation ACS8510 Datasheet HTML 52Page - Semtech Corporation ACS8510 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
49
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
I6POS
I6NEG
I5NEG
I5POS
T06POS
T06NEG
T07POS
T07NEG
ZO=50
Ω
ZO=50
Ω
ZO=50
Ω
ZO=50
Ω
ZO=50
Ω
ZO=50
Ω
100R
ZO=50
Ω
ZO=50
Ω
8kHz, 1.544/2.048,
6.48, 19.44, 38.88,
51.84, 77.76 or
155.52 MHz
51.84, 77.76 or
155.52 MHz
8kHz, 1.544/2.048,
6.48, 19.44, 38.88,
19.44, 38.88, 155.52,
311.04 MHz & DIG1
19.44, 51.84, 77.76,
155.52 MHz
100R
100R
100R
Recommended line termination for LVDS Input/Output ports
The Alternate Mark Inversion (AMI) signal is DC balanced and consists of positive and negative
pulses with a peak to peak voltage of 2.0 +/- 0.2V.
The electrical specifications are taken from option a) of Table 2/G.703 - Digital 64kbit/s centralized
clock interface, from ITU G.703.
R
E
T
E
M
A
R
A
PG
N
I
M
I
T
e
p
a
h
s
e
s
l
u
P
e
s
ir
h
ti
w
,r
a
l
u
g
n
a
t
c
e
r
y
ll
a
n
i
m
o
N
s
µ
1
<
s
e
m
it
ll
a
f
d
n
a
e
c
n
e
d
e
p
m
i
d
a
o
l
t
s
e
t
l
a
n
i
m
o
Ns
m
h
O
0
1
1
)
e
s
l
u
p
(
"
k
r
a
m
"
a
f
o
e
g
a
tl
o
v
k
a
e
PV
1
.
0
-
/
+
0
.
1
"
e
c
a
p
s
"
a
f
o
e
u
l
a
v
k
a
e
PV
1
.
0
-
/
+
0
.
0
h
t
d
i
w
e
s
l
u
p
l
a
n
i
m
o
Ns
µ
8
.
7
The electrical characteristics of 64kbits/s interface are as follows;
Nominal bit rate: 64kbit/s. The tolerance is determined by the network clock stability.
There should be a symmetrical pair carrying the composite timing signal (64kHz and 8kHz). The
use of transformers is recommended.
Over-voltage protection requirement; refer to Recommendation K.41.
Code conversion rules;
The data signals are coded in AMI code with 100% duty cycle. The composite clock timing signals
convey the 64kHz bit-timing information using AMI coding with a 50% to 70% duty ratio and the
8kHz octet phase information by introducing violations in the code rule. The structure of the
signals and voltage levels are shown in Figure 9 and Figure 10.
Across operating conditions, unless otherwise stated
DC CHARACTERISTICS: AMI Input/Output pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com