Electronic Components Datasheet Search
  English  ▼

X  

ACS8510 Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS8510
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS8510 Datasheet HTML 4Page - Semtech Corporation ACS8510 Datasheet HTML 5Page - Semtech Corporation ACS8510 Datasheet HTML 6Page - Semtech Corporation ACS8510 Datasheet HTML 7Page - Semtech Corporation ACS8510 Datasheet HTML 8Page - Semtech Corporation ACS8510 Datasheet HTML 9Page - Semtech Corporation ACS8510 Datasheet HTML 10Page - Semtech Corporation ACS8510 Datasheet HTML 11Page - Semtech Corporation ACS8510 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
8
ACS8510 SETS
ADVANCED COMMUNCIATIONS
FINAL
reference input and generate the T
OUT0 clock,
the 8 kHz Frame Synchronisation clock and
the 2 kHz Multi-Frame Synchronisation clock
with the same phase. The ACS8510 includes a
microprocessor port, providing access to the
configuration and status registers for device
setup and monitoring.
Local Oscillator Clock
The Master system clock on the ACS8510
should be provided by an external clock oscillator
of frequency 12.80 MHz. The clock specification
is important for meeting the ITU/ETSI and
Telcordia performance requirements in Holdover
mode. ITU and ETSI specifications permit a
combined drift characteristic, at constant
temperature, of all non-temperature-related
parameters, of up to 10 ppb per day. The same
specifications allow a drift of 1 ppm over a
temperature range of 0 to 70 Celsius. Telcordia
specifications are somewhat tighter, requiring
a non-temperature-related drift of less than 40
ppb per day and a drift of 280 ppb over the
temperature range 0 to 50 Celsius.
ITU and ETSI specification
Tolerance:
+/- 4.6 ppm over 20 year life time.
Drift*:
+/- 0.05 ppm/15 seconds @ constant temp.
+/- 0.01 ppm/day @ constant temp.
+/- 1 ppm over temp. range 0-70 Celsius
*Frequency drift over supply voltage range of 2.7 V to 3.3 V.
Telcordia GR-1244 CORE specification
Tolerance:
+/- 4.6 ppm over 20 year life time.
Drift*:
+/- 0.05 ppm/15 seconds @ constant temp.
+/- 0.04 ppm/day @ constant temp.
+/- 0.28 ppm over temp. range 0-50 Celsius
*Frequency drift over supply voltage range of 2.7 V to 3.3 V.
Please contact Semtech for information on
crystal oscillator suppliers.
Crystal Frequency Calibration
The absolute crystal frequency accuracy is less
important than the stability since any frequency
offset can be compensated by adjustment of
register values in the IC. This allows for
calibration and compensation of any crystal
frequency variation away from its nominal value.
+/- 50 ppm adjustment would be sufficient to
cope with most crystals, in fact the range is an
order of magnitude larger due to the use of
two 8 bit register locations. The setting of the
conf_nominal_frequency register allows for this
adjustment. An increase in the register value
increases the output frequencies by 0.02 ppm
for each LSB step. The default value (in decimal)
is 39321. The minimum being 0 and the
maximum 65535, gives a +500 ppm to -700
ppm adjustment range of the output
frequencies.
For example, if the crystal was oscillating at
12.8 MHz + 5 ppm, then the calibration value
in the register to give a -5 ppm adjustment in
output frequencies to compensate for the
crystal inaccuracy, would be : 39321 - (5 /
0.02) = 39071 (decimal).
Input Interfaces
The ACS8510 supports up to fourteen input
reference clock sources from input types T
IN1,
T
IN2 and TIN3 using TTL, CMOS, PECL, LVDS and
AMI buffer I/O technologies. These interface
technologies support 3.3 V and 5 V operation.
Over-Voltage Protection
The ACS8510 may require Over-Voltage
Protection on input reference clock ports
according to the ITU Recommendation K.41.
Semtech recommends the use of their
protection devices for this purpose (see
separate Semtech data book).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com