Electronic Components Datasheet Search
  English  ▼

X  

ACS8515 Datasheet(PDF) 44 Page - Semtech Corporation

Part # ACS8515
Description  Line Card Protection Switch for SONET or SDH Network Elements
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button ACS8515 Datasheet HTML 39Page - Semtech Corporation ACS8515 Datasheet HTML 40Page - Semtech Corporation ACS8515 Datasheet HTML 41Page - Semtech Corporation ACS8515 Datasheet HTML 42Page - Semtech Corporation ACS8515 Datasheet HTML 43Page - Semtech Corporation ACS8515 Datasheet HTML 44Page - Semtech Corporation ACS8515 Datasheet HTML 45Page - Semtech Corporation ACS8515 Datasheet HTML 46Page - Semtech Corporation ACS8515 Datasheet HTML 47Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
44
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
Thermal conditions
The device is rated for full temperature range when this package is used with a 4 layer or more
PCB. Copper coverage must exceed 50%. All pins must be soldered to the PCB. Maximum
operating temperature must be reduced when the device is used with a PCB with less than these
requirements.
P
F
Q
L
4
6
e
g
a
k
c
a
P
s
n
o
i
s
n
e
m
i
D
m
m
n
i
E
/
D1
E
/
1
DA
1
A2
Ae
1
N
A2
N
A3
N
A4
N
A1
R2
RL
1
LS
b
1
bc
1
c
n
i
M0
4
.
15
0
.
05
3
.
1°
1
1°
1
1°
0°
08
0
.
08
0
.
05
4
.
00
2
.
07
1
.
07
1
.
09
0
.
09
0
.
0
m
o
N0
0
.
2
10
0
.
0
10
5
.
10
1
.
00
4
.
10
5
.
0°
2
1°
2
1-
°
5
.
3-
-
0
6
.
0
0
0
.
1
)
f
e
r
(
-2
2
.
00
2
.
0-
-
x
a
M0
6
.
15
1
.
05
4
.
1°
3
1°
3
1-
°
7-
0
2
.
05
7
.
0-
7
2
.
03
2
.
00
2
.
06
1
.
0
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com