Electronic Components Datasheet Search
  English  ▼

X  

ACS8515 Datasheet(PDF) 26 Page - Semtech Corporation

Part # ACS8515
Description  Line Card Protection Switch for SONET or SDH Network Elements
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button ACS8515 Datasheet HTML 22Page - Semtech Corporation ACS8515 Datasheet HTML 23Page - Semtech Corporation ACS8515 Datasheet HTML 24Page - Semtech Corporation ACS8515 Datasheet HTML 25Page - Semtech Corporation ACS8515 Datasheet HTML 26Page - Semtech Corporation ACS8515 Datasheet HTML 27Page - Semtech Corporation ACS8515 Datasheet HTML 28Page - Semtech Corporation ACS8515 Datasheet HTML 29Page - Semtech Corporation ACS8515 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
26
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
.r
d
d
A
)
x
e
H
(
e
m
a
N
r
e
t
e
m
a
r
a
Pn
o
it
p
ir
c
s
e
Dtl
u
a
f
e
D
)
n
i
b
(
e
u
l
a
V
8
4s
r
o
ti
n
o
m
_
g
f
n
c
.t
u
o
d
li
u
b
e
s
a
h
p
f
o
l
o
rt
n
o
c
d
n
a
s
r
o
ti
n
o
m
f
o
n
o
it
a
r
u
g
if
n
o
c
l
a
b
o
l
g
s
w
o
ll
a
r
e
t
s
i
g
e
r
ti
b
7
s
i
h
T
r
o
f
d
e
v
r
e
s
e
r
e
r
a
s
r
e
h
t
o
,
m
p
p
5
1
=
1
0
,f
f
o
=
0
0
-
s
r
o
ti
n
o
m
y
c
n
e
u
q
e
rf
g
n
ir
u
g
if
n
o
c
r
o
f
e
r
a
)
0
:
1
(
s
ti
B
.
e
s
u
e
r
u
t
u
f
0
o
t
k
c
o
l
s
y
a
w
l
a
ll
i
w
L
L
P
D
e
h
t
,
d
e
l
b
a
s
i
d
fI
.t
u
o
d
li
u
b
e
s
a
h
p
s
e
l
b
a
n
e
n
e
t
u
o
d
li
u
b
e
s
a
h
P
2
ti
B
.
s
e
e
r
g
e
d
e
r
u
t
u
f
y
n
a
e
l
b
a
s
i
d
y
l
e
v
it
c
e
ff
e
ll
i
w
)
d
e
l
b
a
n
e
s
i
t
u
o
d
li
u
b
e
s
a
h
p
n
e
h
w
(
t
u
o
d
li
u
b
e
s
a
h
p
e
z
e
e
r
F
3
ti
B
.t
e
s
ff
o
e
s
a
h
p
t
n
e
rr
u
c
e
h
t
h
ti
w
n
i
a
m
e
r
t
u
b
s
t
n
e
v
e
t
u
o
d
li
u
b
e
s
a
h
p
4
t
u
p
n
i
r
e
h
ti
e
o
t
g
n
i
k
c
o
l
e
h
t
e
c
r
o
f
o
t
n
i
p
ti
w
S
c
r
S
e
h
t
s
e
l
b
a
n
e
g
n
i
h
c
ti
w
s
n
o
it
c
e
t
o
r
p
l
a
n
r
e
t
x
E
4
ti
B
.
3
r
o
d
e
t
c
e
l
e
s
y
lt
n
e
rr
u
c
e
h
t
n
o
m
r
a
l
a
y
ti
v
it
c
a
n
i
n
a
e
s
i
a
r
o
t
ll
p
d
e
h
t
s
e
l
b
a
n
e
g
n
i
h
c
ti
w
s
t
s
a
f-
a
rt
l
U
5
ti
B
e
h
t
m
o
rf
y
a
w
a
g
n
i
h
c
ti
w
s
t
s
a
f
y
r
e
v
e
l
b
a
n
e
ll
i
w
s
i
h
T
.
s
e
l
c
y
c
w
e
f
a
y
l
n
o
g
n
i
s
s
i
m
r
e
tf
a
e
c
r
u
o
s
d
e
li
a
f
_
f
e
r
_
n
i
a
m
e
h
t
y
b
d
e
r
e
g
g
ir
t
s
i
s
i
h
T
.
n
o
it
a
c
il
p
p
a
e
p
y
t
n
o
it
c
e
t
o
r
p
a
n
i
e
c
r
u
o
s
d
e
t
c
e
l
e
s
.
m
s
i
n
a
h
c
e
m
t
p
u
rr
e
t
n
i
e
b
o
t
t
p
u
rr
e
t
n
i
d
e
li
a
f
_
f
e
r
_
n
i
a
m
e
h
t
f
o
e
u
l
a
v
e
h
t
e
l
b
a
n
e
ll
i
w
O
D
T
n
o
s
s
o
l
e
c
n
e
r
e
f
e
r
g
a
l
F
6
ti
B
.
e
c
i
v
e
d
e
h
t
f
o
n
i
p
O
D
T
e
h
t
f
o
t
u
o
n
e
v
ir
d
T
W
S
C
R
S
fI
.
w
o
l
d
e
it
r
o
d
e
t
c
e
n
n
o
c
n
u
tf
e
l
s
i
n
i
p
T
W
S
C
R
S
n
e
h
w
d
il
a
v
s
i
n
e
v
i
g
e
u
l
a
v
tl
u
a
f
e
d
e
h
T
*
.)
x
e
h
(
5
1
s
i
e
u
l
a
v
tl
u
a
f
e
d
e
h
t
,
h
g
i
h
d
e
it
s
i
*
1
0
1
0
0
0
0
X
0
50
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
.
d
e
s
i
a
r
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
1
1
0
0
0
0
0
1
50
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
.
d
e
r
a
e
l
c
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
0
1
0
0
0
0
0
2
50
e
z
i
s
_
t
e
k
c
u
b
_
g
f
n
c
e
v
it
c
a
n
i
n
a
n
e
v
i
g
h
c
a
e
r
n
a
c
t
e
k
c
u
b
y
k
a
e
l
e
h
t
t
a
h
t
e
u
l
a
v
m
u
m
i
x
a
m
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
.t
u
p
n
i
0
0
0
1
0
0
0
0
3
50
e
t
a
r
_
y
a
c
e
d
_
g
f
n
c
r
o
f
1
+
s
i
t
e
k
c
u
b
e
h
t
f
o
e
t
a
r-
ll
if
e
h
T
.t
e
k
c
u
b
y
k
a
e
l
e
h
t
f
o
e
t
a
r
k
a
e
l
e
h
t
s
l
o
rt
n
o
c
r
e
t
s
i
g
e
r
ti
b
2
s
i
h
T
s
i
e
t
a
r
y
a
c
e
d
e
h
T
.y
ti
v
it
c
a
n
i
f
o
l
e
v
e
l
e
m
o
s
d
e
c
n
e
ir
e
p
x
e
s
a
h
t
a
h
t
l
a
v
r
e
t
n
i
s
m
8
2
1
y
r
e
v
e
s
e
u
l
a
v
g
n
i
s
u
y
b
1
:
8
,
1
:
4
,
1
:
2
,
1
:
1
o
t
t
e
s
e
b
n
a
c
o
it
a
r
e
h
T
.
e
t
a
r
ll
if
e
h
t
f
o
s
o
it
a
r
n
i
e
l
b
a
m
m
a
r
g
o
r
p
.
e
r
u
t
a
n
n
i
s
t
e
k
c
u
b
y
k
a
e
l
’
e
u
rt
‘
t
o
n
e
r
a
s
t
e
k
c
u
b
e
s
e
h
t
,r
e
v
e
w
o
H
.y
l
e
v
it
c
e
p
s
e
r
1
1
,
0
1
,
1
0
,
0
0
f
o
n
a
c
s
e
t
a
r
y
a
c
e
d
d
n
a
ll
if
e
h
t
t
a
h
t
s
n
a
e
m
s
i
h
T
.
d
e
ll
if
g
n
i
e
b
s
i
ti
n
e
h
w
’
g
n
i
k
a
e
l‘
s
p
o
t
s
t
e
k
c
u
b
e
h
T
e
m
a
s
e
h
t
t
a
d
e
s
i
n
g
o
c
e
r
e
b
n
a
c
t
u
p
n
i
e
v
it
c
a
n
a
t
a
h
t
t
c
e
ff
e
t
e
n
e
h
t
h
ti
w
)
1
:
1
=
0
0
(
e
m
a
s
e
h
t
e
b
.
e
n
o
e
v
it
c
a
n
i
n
a
s
a
e
t
a
r
1
0
X
X
X
X
X
X
4
51
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
.
d
e
s
i
a
r
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
1
1
0
0
0
0
0
5
51
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
.
d
e
r
a
e
l
c
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
0
1
0
0
0
0
0
6
51
e
z
i
s
_
t
e
k
c
u
b
_
g
f
n
c
e
v
it
c
a
n
i
n
a
n
e
v
i
g
h
c
a
e
r
n
a
c
t
e
k
c
u
b
y
k
a
e
l
e
h
t
t
a
h
t
e
u
l
a
v
m
u
m
i
x
a
m
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
.t
u
p
n
i
0
0
0
1
0
0
0
0
7
51
e
t
a
r
_
y
a
c
e
d
_
g
f
n
c.
1
t
e
k
c
u
b
r
o
f
t
u
b
)
x
e
h
(
3
5
r
e
t
s
i
g
e
r
r
o
f
s
A
1
0
X
X
X
X
X
X
8
52
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
.
d
e
s
i
a
r
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
1
1
0
0
0
0
0
9
52
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
.
d
e
r
a
e
l
c
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
0
1
0
0
0
0
0
A
52
e
z
i
s
_
t
e
k
c
u
b
_
g
f
n
c
e
v
it
c
a
n
i
n
a
n
e
v
i
g
h
c
a
e
r
n
a
c
t
e
k
c
u
b
y
k
a
e
l
e
h
t
t
a
h
t
e
u
l
a
v
m
u
m
i
x
a
m
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
.t
u
p
n
i
0
0
0
1
0
0
0
0
B
52
e
t
a
r
_
y
a
c
e
d
_
g
f
n
c.
2
t
e
k
c
u
b
r
o
f
t
u
b
)
x
e
h
(
3
5
r
e
t
s
i
g
e
r
r
o
f
s
A
1
0
X
X
X
X
X
X
C
53
d
l
o
h
s
e
r
h
t
_
r
e
p
p
u
_
v
it
c
a
_
g
f
n
c
.
d
e
s
i
a
r
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
1
1
0
0
0
0
0
D
53
d
l
o
h
s
e
r
h
t
_
r
e
w
o
l
_
v
it
c
a
_
g
f
n
c
.
d
e
r
a
e
l
c
e
b
o
t
m
r
a
l
a
y
ti
v
it
c
a
e
h
t
s
e
s
u
a
c
t
a
h
t
t
e
k
c
u
b
y
k
a
e
l
e
h
t
n
i
e
u
l
a
v
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
0
0
1
0
0
0
0
0
E
53
e
z
i
s
_
t
e
k
c
u
b
_
g
f
n
c
e
v
it
c
a
n
i
n
a
n
e
v
i
g
h
c
a
e
r
n
a
c
t
e
k
c
u
b
y
k
a
e
l
e
h
t
t
a
h
t
e
u
l
a
v
m
u
m
i
x
a
m
e
h
t
s
t
e
s
r
e
t
s
i
g
e
r
ti
b
8
s
i
h
T
.t
u
p
n
i
0
0
0
1
0
0
0
0
F
53
e
t
a
r
_
y
a
c
e
d
_
g
f
n
c.
3
t
e
k
c
u
b
r
o
f
t
u
b
)
x
e
h
(
3
5
r
e
t
s
i
g
e
r
r
o
f
s
A
1
0
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com