Electronic Components Datasheet Search
  English  ▼

X  

ACS8515P Datasheet(PDF) 13 Page - Semtech Corporation

Part # ACS8515P
Description  Line Card Protection Switch for SONET or SDH Network Elements
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515P Datasheet(HTML) 13 Page - Semtech Corporation

Back Button ACS8515P Datasheet HTML 9Page - Semtech Corporation ACS8515P Datasheet HTML 10Page - Semtech Corporation ACS8515P Datasheet HTML 11Page - Semtech Corporation ACS8515P Datasheet HTML 12Page - Semtech Corporation ACS8515P Datasheet HTML 13Page - Semtech Corporation ACS8515P Datasheet HTML 14Page - Semtech Corporation ACS8515P Datasheet HTML 15Page - Semtech Corporation ACS8515P Datasheet HTML 16Page - Semtech Corporation ACS8515P Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
13
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
Figure 3: Wander and Jitter Transfer Characteristsics
3HDNWRSHDN MLWWHU DQG ZDQGHUDPSOLWXGH
ORJ VFDOH
-LWWHU DQG ZDQGHUIUHTXHQF\ ORJ VFDOH
G%
8, # I
G%
-LWWHU FXWRII ORZ IUHTXHQF\ +]
-LWWHU FXWRII KLJK IUHTXHQF\ +]
Phase Variation
There will be a phase shift across the ACS8515
between the selected input reference source
and the output clock. This phase shift may vary
over time but will be constrained to lie within
specified limits. The phase shift is characterised
using two parameters, MTIE (Maximum Time
Interval Error), and TDEV (Time Deviation), which,
although being specified in all relevent
specifications, differ in acceptable limits in each
one. Typical measurements for the ACS8515
are shown in Figures 4 and 5, for locked mode
operation. Figure 6 shows a typical
measurement of Phase Error accumulation in
Holdover mode operation.
The required performance for phase variation
during Holdover is specified in several ways
depending upon the particular circumstances
pertaining:
1. ETSI 300 462-5, Section 9.1, requires that the short-
term phase error during switchover (i.e., Locked to
Holdover to Locked) be limited to an accumulation rate
no greater than 0.05 ppm during a 15 second interval.
2. ETSI 300 462-5, Section 9.2, requires that the long-
term phase error in the Holdover mode should not
exceed {(a1+a2)S+0.5bS2+c}, where
a1 = 50 ns/s (allowance for initial frequency offset)
a2 = 2000 ns/s (allowance for temperature variation)
b = 1.16x10-4 ns/s2 (allowance for ageing)
c = 120 ns (allowance for entry into Holdover mode).
3. ANSI Tin1.101-1994, Section 8.2.2, requires that
the phase variation be limited so that no more than
255 slips (of 125 µs each) occur during the first day of
Holdover. This requires a frequency accuracy better
than:
((24x60x60)+(255x125µs))/(24x60x60) = 0.37 ppm.
Temperature variation is not restricted, except to within
the normal bounds of 0 to 50 Celsius.
4. Bellcore GR.1244.CORE, Section 5.2. Table 4. shows
that an initial frequency offset of 50 ppb is permitted
on entering Holdover, whilst a drift over temperature
of 280 ppb is allowed; an allowance of 40 ppb is
permitted for all other effects.
5. ITU G.822, Section 2.6, requires that the slip rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com