Electronic Components Datasheet Search
  English  ▼

X  

ACS8515P Datasheet(PDF) 3 Page - Semtech Corporation

Part # ACS8515P
Description  Line Card Protection Switch for SONET or SDH Network Elements
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515P Datasheet(HTML) 3 Page - Semtech Corporation

  ACS8515P Datasheet HTML 1Page - Semtech Corporation ACS8515P Datasheet HTML 2Page - Semtech Corporation ACS8515P Datasheet HTML 3Page - Semtech Corporation ACS8515P Datasheet HTML 4Page - Semtech Corporation ACS8515P Datasheet HTML 5Page - Semtech Corporation ACS8515P Datasheet HTML 6Page - Semtech Corporation ACS8515P Datasheet HTML 7Page - Semtech Corporation ACS8515P Datasheet HTML 8Page - Semtech Corporation ACS8515P Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
3
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
Top view of 64 pin LQFP package.
NC - Not Connected, IC - Internally Connected
Pin Diagram
1
AGND
2IC
3
AGND
4
VA1+
5
INTREQ
6
REFCLK
7
DGND
8
VD+
9
VD+
10
DGND
11
DGND
12
VD+
13
SRCSW
14
VA2+
15
AGND
16
IC
17
FrSync
18
MFrSync
19
O1POS
20
O1NEG
21
GND_DIFF
22
VDD_DIFF
23
SEC1_POS
24
SEC1_NEG
25
SEC2_POS
26
SEC2_NEG
27
VDD5
28
Sync2k
29
SEC1
30
SEC2
31
DGND
32
VDD
64
SONSDHB
63
IC
62
IC
61
IC
60
IC
59
NC
58
DGND
57
VDD
56
O2
55
NC
54
VDD
53
DGND
52
SDO
51
IC
50
IC
49
IC
48
PORB
47
SCLK
46
VDD
45
VDD
44
CSB
43
SDI
42
CLKE
41
IC
40
DGND
39
VDD
38
VDD
37
IC
36
VDD
35
IC
34
SEC3
33
IC
ACS8515
LC/P
Rev 2.0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com