Electronic Components Datasheet Search
  English  ▼

X  

ACS8515P Datasheet(PDF) 34 Page - Semtech Corporation

Part # ACS8515P
Description  Line Card Protection Switch for SONET or SDH Network Elements
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515P Datasheet(HTML) 34 Page - Semtech Corporation

Back Button ACS8515P Datasheet HTML 30Page - Semtech Corporation ACS8515P Datasheet HTML 31Page - Semtech Corporation ACS8515P Datasheet HTML 32Page - Semtech Corporation ACS8515P Datasheet HTML 33Page - Semtech Corporation ACS8515P Datasheet HTML 34Page - Semtech Corporation ACS8515P Datasheet HTML 35Page - Semtech Corporation ACS8515P Datasheet HTML 36Page - Semtech Corporation ACS8515P Datasheet HTML 37Page - Semtech Corporation ACS8515P Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Revision 2.05/Jan 2001 ã2001 Semtech Corp
www.semtech.com
34
ACS8515 LC/P
ADVANCED COMMUNCIATIONS
FINAL
DC CHARACTERISTICS: TTL Input pad with internal pull-up.
Across operating conditions, unless otherwise stated
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
V
n
i
h
g
i
HV
h
i
0
.
2-
-
V
V
n
i
w
o
LV
li
--
8
.
0V
r
o
t
s
i
s
e
r
p
u
-l
l
u
PU
P0
3-
0
8W
k
t
n
e
rr
u
c
t
u
p
n
II
n
i
--
0
2
1A
µ
DC CHARACTERISTICS: TTL Input pad with internal pull-down.
Across operating conditions, unless otherwise stated
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
V
n
i
h
g
i
HV
h
i
0
.
2-
-
V
V
n
i
w
o
LV
li
--
8
.
0V
r
o
t
s
i
s
e
r
n
w
o
d
u
-l
l
u
PD
P0
3-
0
8W
k
t
n
e
rr
u
c
t
u
p
n
II
n
i
--
0
2
1A
µ
DC CHARACTERISTICS: TTL Output pad.
Across operating conditions, unless otherwise stated
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
w
o
L
t
u
o
V
A
m
4
=
l
o
I
l
o
V0
-
4
.
0V
h
g
i
H
t
u
o
V
A
m
4
=
h
o
I
h
o
V4
.
2-
V
t
n
e
rr
u
c
e
v
ir
DD
I-
-
4
A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com