Electronic Components Datasheet Search
  English  ▼

X  

B7955 Datasheet(PDF) 2 Page - EPCOS

Part # B7955
Description  BAW/SAW Duplexer WCDMA Band II (PCS)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7955 Datasheet(HTML) 2 Page - EPCOS

  B7955 Datasheet HTML 1Page - EPCOS B7955 Datasheet HTML 2Page - EPCOS B7955 Datasheet HTML 3Page - EPCOS B7955 Datasheet HTML 4Page - EPCOS B7955 Datasheet HTML 5Page - EPCOS B7955 Datasheet HTML 6Page - EPCOS B7955 Datasheet HTML 7Page - EPCOS B7955 Datasheet HTML 8Page - EPCOS B7955 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
February 1, 2010
B7955
1880.0 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
BAW/SAW Duplexer
Data sheet
Application
s
Low-loss BAW/SAW duplexer for mobile telephone
WCDMA Band II (PCS) systems
s
Low insertion attenuation
s
Low amplitude ripple
s
Usable passband 60 MHz
s
Single ended to balanced transformation
in Antenna - Rx path
s
Impedance transformation 50
Ω to 100Ω
in Antenna - Rx path
Features
s
Package size 2.5 x 2.0 mm2,
max. height 0.94 mm
s
RoHS compatible
s
Approx. weight 0.020 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Fully matched by integrated matching network
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
bottom view
side view
top view
2.5
12
5
7
9
6
1
5
23
6
7
3
0.55
0.4
0.9
Pin configuration
s
3
TX Input
s
1, 8
RX Output (balanced)
s
6
Antenna
s
4, 5, 9 To be grounded
s
2, 7
To be grounded
3
1
8
4,5,9
6
2,7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com