Electronic Components Datasheet Search
  English  ▼

X  

B7955 Datasheet(PDF) 4 Page - EPCOS

Part # B7955
Description  BAW/SAW Duplexer WCDMA Band II (PCS)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7955 Datasheet(HTML) 4 Page - EPCOS

  B7955 Datasheet HTML 1Page - EPCOS B7955 Datasheet HTML 2Page - EPCOS B7955 Datasheet HTML 3Page - EPCOS B7955 Datasheet HTML 4Page - EPCOS B7955 Datasheet HTML 5Page - EPCOS B7955 Datasheet HTML 6Page - EPCOS B7955 Datasheet HTML 7Page - EPCOS B7955 Datasheet HTML 8Page - EPCOS B7955 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
February 1, 2010
B7955
1880.0 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
BAW/SAW Duplexer
Data sheet
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced) || 15 nH
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT- RX
min.
typ.
@ 25˚C
max.
Center frequency
fC
———
MHz
Maximum insertion attenuation
@fCarrier 1932.4 ... 1987.6MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (6).
—
2.6
3.7
dB
1930.0
... 1935.0 MHz
—
2.7
4.5
dB
1935.0
... 1990.0 MHz
—
2.7
3.5
dB
Amplitude ripple (p-p)
@fCarrier 1932.4 ... 1987.6MHz
α
WCDMA
1)
—
1.0
2.0
dB
Error Vector Magnitude
@fCarrier 1932.4 ... 1987.6MHz EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
—
1.7
4.1
%
@fCarrier 1932.4 ... 1987.6MHz EVM2)
—
1.7
2.83)
3) Valid for reduced temperature range +20 ˚C to +85 ˚C
%
Input VSWR (ANT port)
1930.0
... 1990.0 MHz
—
1.7
2.0
Output VSWR (RX port)
1930.0
... 1990.0 MHz
—
1.8
2.3
Attenuation
α
0.3
... 1770.0 MHz
35
61
—
dB
1770.0
... 1850.0 MHz
38
57
—
dB
@fCarrier 1852.4 ... 1907.6MHz
α
WCDMA
1)
50
56
—
dB
1910.0
... 1915.0 MHz
9
49
—
dB
2010.0
... 2070.0 MHz
5
14
—
dB
2070.0
... 2500.0 MHz
30
55
—
dB
2500.0
... 3780.0 MHz
35
58
—
dB
3780.0
... 3980.0 MHz
35
66
—
dB
3980.0
... 6000.0 MHz
35
62
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com