Electronic Components Datasheet Search
  English  ▼

X  

B7955 Datasheet(PDF) 5 Page - EPCOS

Part # B7955
Description  BAW/SAW Duplexer WCDMA Band II (PCS)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7955 Datasheet(HTML) 5 Page - EPCOS

  B7955 Datasheet HTML 1Page - EPCOS B7955 Datasheet HTML 2Page - EPCOS B7955 Datasheet HTML 3Page - EPCOS B7955 Datasheet HTML 4Page - EPCOS B7955 Datasheet HTML 5Page - EPCOS B7955 Datasheet HTML 6Page - EPCOS B7955 Datasheet HTML 7Page - EPCOS B7955 Datasheet HTML 8Page - EPCOS B7955 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
February 1, 2010
B7955
1880.0 / 1960.0 MHz
SAW Components
BAW/SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced) || 15 nH
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
Common mode suppression
Scs21
1930.0
... 1990.0 MHz
25
30
—
dB
IMD Product Level Limits1)
at fTX=1880MHz, fRX=1960MHz
1) IMD product level limits for power levels P
TX=21dBm (antenna port output power) and
PBlocker=-15dBm (antenna port input power)
Blocker 1
80.0 MHz
—
-118
—
dBm
Blocker 2
1800.0 MHz
—
-108
—
dBm
Blocker 3
3840.0 MHz
—
-100
—
dBm
Characteristics TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
@fCarrier 1852.4 ... 1907.6 MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (6).
53
57
—
dB
@fCarrier 1932.4 ... 1987.6 MHz
α
WCDMA
1)
48
52
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com