Electronic Components Datasheet Search
  English  ▼

X  

MAX13331GEEVT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13331GEEVT
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331GEEVT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13331GEEVT Datasheet HTML 5Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 6Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 7Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 8Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 9Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 10Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 11Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 12Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
_______________________________________________________________________________________
9
Low-Frequency Response
In addition to the cost and size disadvantages of the DC-
blocking capacitors required by conventional head-
phone amplifiers, these capacitors limit the amplifier’s
low-frequency response and can distort the audio signal:
1) The impedance of the headphone load and the DC-
blocking capacitor form a highpass filter with the -3dB
point set by:
where RL is the impedance of the headphone and
COUT is the value of the DC-blocking capacitor. The
highpass filter is required by conventional single-
ended, single power-supply headphone amplifiers to
block the midrail DC-bias component of the audio sig-
nal from the headphones. The drawback to the filter is
that it can attenuate low-frequency signals. Larger val-
ues of COUT reduce this effect but result in physically
larger, more expensive capacitors. Figure 2 shows the
relationship between the size of COUT and the resulting
low-frequency attenuation. Note that the -3dB point for
a 16
Ω headphone with a 100µF blocking capacitor is
100Hz, well within the normal audio band, resulting in
low-frequency attenuation of the reproduced signal.
2) The voltage coefficient of the DC-blocking capacitor
contributes distortion to the reproduced audio signal as
the capacitance value varies and the function of the
voltage across the capacitor changes. The reactance
of the capacitor dominates at frequencies below the
-3dB point and the voltage coefficient appears as fre-
quency-dependent distortion. Figure 3 shows the
THD+N introduced by two different capacitor dielectric
types. Note that below 100Hz, THD+N increases rapid-
ly. The combination of low-frequency attenuation and
frequency-dependent distortion compromises audio
reproduction in portable audio equipment that empha-
sizes low-frequency effects such as in multimedia lap-
tops, MP3, CD, and DVD players. By eliminating the
DC-blocking capacitors through DirectDrive technolo-
gy, these capacitor-related deficiencies are eliminated.
Charge Pump
The MAX13330/MAX13331 feature a low-noise charge
pump. The 2.2MHz (typ) switching frequency is well
beyond the audio range. It does not interfere with the
audio signals and avoids AM band interference. The
switch drivers feature a controlled switching speed that
minimizes noise generated by turn-on and turn-off tran-
sients. By limiting the switching speed of the charge
pump, the di/dt noise caused by the parasitic bond
wire and trace inductance is minimized. Although not
typically required, additional high-frequency noise
attenuation can be achieved by increasing the value of
C2 (see the
Typical Application Circuits).
f
RC
Hz
dB
LOUT
−
=
××
()
3
1
2
π
0
-30
10
100
1k
10k
100k
LOW-FREQUENCY ROLLOFF
(RL = 16
Ω)
-24
-27
-12
-15
-18
-21
-6
-9
-3
FREQUENCY (Hz)
DirectDrive
330
μF
220
μF
100
μF
33
μF
Figure 2. Low-Frequency Attenuation for Common DC-Blocking
Capacitor Values
ADDITIONAL THD+N DUE
TO DC-BLOCKING CAPACITORS
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
1
10
0.0001
10
100k
TANTALUM
ALUM/ELEC
Figure 3. Distortion Contributed by DC-Blocking Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com