Electronic Components Datasheet Search
  English  ▼

X  

MAX13331GEEVT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13331GEEVT
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331GEEVT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13331GEEVT Datasheet HTML 1Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 2Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 3Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 4Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 5Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 6Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 7Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 8Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
4
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.01
0.1
1
0.001
0.01
100
VDD = 4V
RL = 8
Ω
POUT = 25mW
POUT = 45mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.01
0.1
1
0.001
0.01
100
VDD = 5V
RL = 8
Ω
POUT = 25mW
POUT = 60mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.01
0.1
1
0.001
0.01
100
VDD = 4V
RL = 16
Ω
POUT = 25mW
POUT = 75mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.01
0.1
1
0.001
0.01
100
VDD = 5V
RL = 16
Ω
POUT = 50mW
POUT = 100mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.01
0.1
1
0.001
0.01
100
VDD = 4V
RL = 32
Ω
POUT = 25mW
POUT = 70mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.01
0.1
1
0.001
0.01
100
VDD = 5V
RL = 32
Ω
POUT = 50mW
POUT = 125mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
50
25
0.1
1
10
0.01
0
75
VDD = 4V
RL = 8
Ω
fIN = 10kHz
fIN = 1kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
50
100
25
75
0.1
1
10
0.01
0
125
VDD = 5V
RL = 8
Ω
fIN = 10kHz
fIN = 1kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
50
100
25
75
0.01
0.1
1
10
0.001
0
125
VDD = 4V
RL = 16
Ω
fIN = 10kHz
fIN = 1kHz
fIN = 100Hz
Typical Operating Characteristics
(VDD = VCPVDD = 5V, VSGND = VPGND = 0V, C1 = C2 = 1µF, RL =
∞, gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com