Electronic Components Datasheet Search
  English  ▼

X  

MAX13331GEEVT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13331GEEVT
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331GEEVT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13331GEEVT Datasheet HTML 2Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 3Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 4Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 5Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 6Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 7Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 8Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 9Page - Maxim Integrated Products MAX13331GEEVT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
6
_______________________________________________________________________________________
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
-80
-60
-40
-90
-70
-50
-100
0.01
100
VIN = 200mVP-P
RL = 32
Ω
RIGHT TO LEFT
LEFT TO RIGHT
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (kHz)
100
0.1
10
1
3.2
3.4
3.5
3.1
3.3
3.0
0.01
1000
MAX13330
VIN = 100mVP-P
OUTL
OUTR
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0V, C1 = C2 = 1µF, RL =
∞, gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz,
TA = +25°C, unless otherwise noted.)
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
10
0.1
1
-100
-40
-110
-80
-60
-50
-90
-70
-120
0.01
100
VDD = 5V
OUTR
VDD = 5V
OUTL
VRIPPLE = 100mVP-P
RL = 32
Ω
VDD = 4V
OUTR
VDD = 4V
OUTL
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.25
4.75
5.00
4.50
5
7
10
2
1
6
9
4
3
8
0
4.00
4.25
5.50
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
075
-25
100
6
10
12
4
2
8
0
-50
50
25
125
OUTPUT FFT
FREQUENCY (kHz)
10
15
RL = 32
Ω
-40
-20
0
-100
-120
-60
-80
-140
05
20
SHUTDOWN CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.00
4.25
4.75
4.50
4
5
3
2
1
0
4.00
5.25
5.50
EXITING SHUTDOWN TRANSIENT
MAX13330/31 toc26
200
μs/div
VOUTL
1V/div
VOUTR
1V/div
VSHDN
5V/div
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
075
-25
100
2.0
3.5
4.0
1.5
1.0
3.0
0.5
2.5
0
-50
50
25
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com