Electronic Components Datasheet Search
  English  ▼

X  

E142AHF Datasheet(PDF) 8 Page - Semtech Corporation

Part # E142AHF
Description  Per Pin timing Deskew w 4x2 Cross Point Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E142AHF Datasheet(HTML) 8 Page - Semtech Corporation

Back Button E142AHF Datasheet HTML 4Page - Semtech Corporation E142AHF Datasheet HTML 5Page - Semtech Corporation E142AHF Datasheet HTML 6Page - Semtech Corporation E142AHF Datasheet HTML 7Page - Semtech Corporation E142AHF Datasheet HTML 8Page - Semtech Corporation E142AHF Datasheet HTML 9Page - Semtech Corporation E142AHF Datasheet HTML 10Page - Semtech Corporation E142AHF Datasheet HTML 11Page - Semtech Corporation E142AHF Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge142
Circuit Description (continued)
Analog Delay Inputs
VDELAY, VFALL, and VMID are analog voltage inputs which
control the delay of the rising and falling edge. All three
inputs may vary from +0.1V (minimum delay) to -1.3V
(maximum delay).
VMID should be permanently set to the middle of the
overall voltage range spanned by VFALL (~ -0.6V).
A
fixed resistor to ground will usually suffice. The exact
setting of VFALL will vary depending on the required delay
range of the falling edge.
These inputs are designed to sink a constant input
current, typically 1.0 mA (with REXT1 = 2.94 K
Ω), over
their operating range from +0.1V to -1.3V. Any voltage
DAC used to drive these inputs directly needs to source
at least 1.0 mA. Any current DAC used needs to factor
in the constant 1.0 mA input current.
The equation used to establish the VDELAY, VMID, and
VFALL input currents is:
I (VFALL, VDELAY, VMID) = 3.0V / REXT1.
The fact that the VDELAY, VFALL, and VMID inputs have
internal current sources allows a voltage DAC capable
of generating only positive voltages and an external
resistor network to be pulled down to the Edge142's
negative input voltage compliance.
These current
sources are designed to be constant over temperature,
so changes in system temperature will not translate into
a delay voltage shift.
Using a different REXT1 will program a different input
current.
However, the value of this current does not
affect deskew range or performance. The ability to vary
this current allows a more flexible interface to a variety
of DAC programming techniques.
VDELAY, VFALL, and VMID all require current flow. Do
NOT leave any of these input pins floating.
If an
application does not require any falling edge delay,
connect all VDELAY and VMID pins to ground.
Compensation Pins
COMP1 and COMP2 are Op Amp compensation pins.
For proper Edge142 functionality, these pins require a
.1
µF capacitor to ground.
Thermal Monitor
The Edge142 includes an on-chip thermal monitor
accessible through the pins TDP and TDN. These nodes
connect to five diodes in series (see Figure 6) and may
be used to accurately measure the junction temperature
at any time.
Figure 6. Thermal Diode String
An external bias current of 100
µA is injected through
the string, and the measured voltage corresponds to a
specific junction temperature with the following equation:
TJ(˚C) = {(V(TDP) – V(TDN)) / 5 – .7} / (-.00208).
Bias Current
Temperature coefficient = –10 mV/˚C
TDP
TDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com