Electronic Components Datasheet Search
  English  ▼

X  

E142AHF Datasheet(PDF) 13 Page - Semtech Corporation

Part # E142AHF
Description  Per Pin timing Deskew w 4x2 Cross Point Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E142AHF Datasheet(HTML) 13 Page - Semtech Corporation

Back Button E142AHF Datasheet HTML 9Page - Semtech Corporation E142AHF Datasheet HTML 10Page - Semtech Corporation E142AHF Datasheet HTML 11Page - Semtech Corporation E142AHF Datasheet HTML 12Page - Semtech Corporation E142AHF Datasheet HTML 13Page - Semtech Corporation E142AHF Datasheet HTML 14Page - Semtech Corporation E142AHF Datasheet HTML 15Page - Semtech Corporation E142AHF Datasheet HTML 16Page - Semtech Corporation E142AHF Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge142
Application Information (continued)
EL11 Clock Spreader Tpd vs. 1%-99% Duty Cycle
Duty Cycle [%] (Period=100 ns)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1 02 0
3 0
4 05 06 0
7 080
9 0
1 0 0
Tpd+ Error
Tpd- Error
Edge 142 Tpd+ vs. 1%-99% Duty Cycle
Duty Cycle [%] (Period=100 ns)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1 0
2 03 04 0
5 06 07 0
809 0 1 0 0
Tpd+ Error, +0.1V
Tpd+ Error, -0.1V
Tpd+ Error, -0.3V
Tpd+ Error, -0.7V
Tpd+ Error, -0.9V
Tpd+ Error, -1.1V
Tpd+ Error, -1.3V
REXT2=2.94K
Edge 142 Tpd- vs. 1%-99% Duty Cycle
Duty Cycle [%] (Period=100 ns)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1 0
2 03 04 0
5 06 07 0
809 0 1 0 0
Tpd- Error, +0.1V
Tpd- Error, -0.1V
Tpd- Error, -0.3V
Tpd- Error, -0.7V
Tpd- Error, -0.9V
Tpd- Error, -1.1V
Tpd- Error, -1.3V
REXT2=2.94K
Prop Delay vs. Duty Cycle
The 142 shows very little change in propagation delay
vs. input duty cycle. The following three charts show
the variation in the prop delay of a rising edge and a
falling edge as the duty cycle is varied from 1% to 99%.
Since the input signal period is 100 ns, a 1% duty cycle
corresponds to a 1 ns positive input pulse. A 99% duty
cycle corresponds to a 1 ns negative input pulse.
The first chart shows the Motorola 10EL11 clock
spreader timing error for both the rising and falling edge.
This information is used as a reference to compare the
142 against.
The second and third charts show the 142 under identical
conditions. The data is broken out into one chart for the
rising edge and a separate chart for the falling edge. In
addition, the timing error is listed over the entire delay
range of the 142.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com