Electronic Components Datasheet Search
  English  ▼

X  

E142AHF Datasheet(PDF) 2 Page - Semtech Corporation

Part # E142AHF
Description  Per Pin timing Deskew w 4x2 Cross Point Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E142AHF Datasheet(HTML) 2 Page - Semtech Corporation

  E142AHF Datasheet HTML 1Page - Semtech Corporation E142AHF Datasheet HTML 2Page - Semtech Corporation E142AHF Datasheet HTML 3Page - Semtech Corporation E142AHF Datasheet HTML 4Page - Semtech Corporation E142AHF Datasheet HTML 5Page - Semtech Corporation E142AHF Datasheet HTML 6Page - Semtech Corporation E142AHF Datasheet HTML 7Page - Semtech Corporation E142AHF Datasheet HTML 8Page - Semtech Corporation E142AHF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge142
PIN Description
Pin Name
Pin #
Description
Digital
IN0, IN0*
IN1, IN1*
IN2, IN2*
IN3, IN3*
41, 42
44, 45
48, 47
51, 50
The multiplexer input signals. (Differential digital inputs.)
OUT0, OUT*
OUT1, OUT1*
26, 25
14, 15
The selected and delayed output signals. (Differential ECL compatible
outputs.)
MUX OUT0, 0*
MUX OUT1, 1*
23, 22
17, 18
Selected monitor outputs. (Differential ECL compatible levels.)
S00, S01
S10, S11
32, 31
8, 9
Single-ended 10KH ECL compatible inputs which select the channel 0
and channel 1 source.
MUX0 SEL
MUX1 SEL
30
10
Single-ended 10KH ECL compatible inputs which select the two output
monitor sources.
EN*
29
Single-ended 10KH ECL compatible input which enables the delayed
outputs.
MUX EN
11
Single-ended 10KH ECL compatible input which enables the monitor
outputs.
Analog
VDELAY0
VDELAY1
39
1
Analog voltage inputs which control the amount of propagation delay for
each channel.
VFALL0
VFALL1
37
3
Analog voltage inputs which control the amount of falling edge delay for
each channel.
VMID0
VMID1
38
2
Analog voltage inputs which control the amount of pulse width
compensation for each channel.
REXT1
36
Analog input current used to establish the bias current for the VDELAY,
VFALL, and VMIDinputs.
REXT2
4
Analog input current used to establish the bias level for the delay cells.
COMP1,
COMP2
35
5
Op Amp compensation capacitors.
TDP, TDN
21, 19
Positive and negative terminals to the thermal diode string.
Power
GND
6, 12, 13, 16,
24, 27, 28, 34,
40, 43, 49, 52
Device ground (positive device supply).
VEE
7, 20, 33, 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com