Electronic Components Datasheet Search
  English  ▼

X  

PCA9505 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 13Page - NXP Semiconductors PCA9505 Datasheet HTML 14Page - NXP Semiconductors PCA9505 Datasheet HTML 15Page - NXP Semiconductors PCA9505 Datasheet HTML 16Page - NXP Semiconductors PCA9505 Datasheet HTML 17Page - NXP Semiconductors PCA9505 Datasheet HTML 18Page - NXP Semiconductors PCA9505 Datasheet HTML 19Page - NXP Semiconductors PCA9505 Datasheet HTML 20Page - NXP Semiconductors PCA9505 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
OE is LOW to observe a change in the outputs.
Two, three, or four adjacent banks can be programmed by using the Auto-Increment feature (AI = 1) and change at the corresponding output port becomes effective at
each acknowledge.
Fig 12. Write to a specific output port
002aab497
0
1
0
0 A2 A1 A0 0
slave address
R/W
S
START condition
SDA
A
acknowledge
from slave
AI 0001 D2 D1 D0 A
acknowledge
from slave
DATA BANK X
A
acknowledge
from slave
P
STOP
condition
A
write to port
data out from port
tv(Q)
data X
valid
The programming becomes effective at the acknowledge.
Less than 5 bytes can be programmed by using this scheme. D5, D4, D3, D2, D1, D0 refers to the first register to be programmed.
If more than 5 bytes are written, previous data are overwritten (the sixth Configuration register will roll over to the first addressed Configuration register, the sixth Polarity
Inversion register will roll over to the first addressed Polarity Inversion register and the sixth Mask Interrupt register will roll over to the first addressed Mask Interrupt
register).
Fig 13. Write to the I/O Configuration, Polarity Inversion or Mask Interrupt registers
002aab498
0
1
0
0 A2 A1 A0 0
slave address
R/W
S
START condition
SDA
A
acknowledge
from slave
1
0 D5 D4 D3 D2 D1 D0
command register
AI = 1
A
acknowledge
from slave
DATA BANK 0
A
DATA BANK 1
A
DATA BANK 2
A
DATA BANK 3
P
STOP
condition
A
acknowledge
from slave
DATA BANK 4
A
acknowledge
from slave
acknowledge
from slave
D[5:0] = 01 0000 for Polarity Inversion register programming bank 0
D[5:0] = 01 1000 for Configuration register programming bank 0
acknowledge
from slave
acknowledge
from slave
D[5:0] = 10 0000 for Mask Interrupt register programming bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com