Electronic Components Datasheet Search
  English  ▼

X  

PCA9505 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 8Page - NXP Semiconductors PCA9505 Datasheet HTML 9Page - NXP Semiconductors PCA9505 Datasheet HTML 10Page - NXP Semiconductors PCA9505 Datasheet HTML 11Page - NXP Semiconductors PCA9505 Datasheet HTML 12Page - NXP Semiconductors PCA9505 Datasheet HTML 13Page - NXP Semiconductors PCA9505 Datasheet HTML 14Page - NXP Semiconductors PCA9505 Datasheet HTML 15Page - NXP Semiconductors PCA9505 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
PCA9505_9506
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2010
12 of 34
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
7.3.4 IOC0 to IOC4 - I/O Configuration registers
These registers configure the direction of the I/O pins.
Cx[y] = 0: The corresponding port pin is an output.
Cx[y] = 1: The corresponding port pin is an input.
Where ‘x’ refers to the bank number (0 to 4); ‘y’ refers to the bit number (0 to 7).
7.3.5 MSK0 to MSK4 - Mask interrupt registers
These registers mask the interrupt due to a change in the I/O pins configured as inputs.
‘x’ refers to the bank number (0 to 4); ‘y’ refers to the bit number (0 to 7).
Mx[y] = 0: A level change at the I/O will generate an interrupt if IOx_y defined as input
(Cx[y] in IOC register = 1).
Mx[y] = 1: A level change in the input port will not generate an interrupt if IOx_y defined
as input (Cx[y] in IOC register = 1).
7.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9505/06
in a reset condition until VDD has reached VPOR. At that point, the reset condition is
released and the PCA9505/06 registers and I2C-bus state machine will initialize to their
default states. Thereafter, VDD must be lowered below 0.2 V to reset the device.
7.5 RESET input
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The
PCA9505/06 registers and I2C-bus state machine will be held in their default states until
the RESET input is once again HIGH.
Table 7.
IOC0 to IOC4 - I/O Configuration registers (address 18h to 1Ch) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
18h
IOC0
7 to 0
C0[7:0]
R/W
1111 1111*
I/O Configuration register bank 0
19h
IOC1
7 to 0
C1[7:0]
R/W
1111 1111*
I/O Configuration register bank 1
1Ah
IOC2
7 to 0
C2[7:0]
R/W
1111 1111*
I/O Configuration register bank 2
1Bh
IOC3
7 to 0
C3[7:0]
R/W
1111 1111*
I/O Configuration register bank 3
1Ch
IOC4
7 to 0
C4[7:0]
R/W
1111 1111*
I/O Configuration register bank 4
Table 8.
MSK0 to MSK4 - Mask interrupt registers (address 20h to 24h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
20h
MSK0
7 to 0
M0[7:0]
R/W
1111 1111*
Mask Interrupt register bank 0
21h
MSK1
7 to 0
M1[7:0]
R/W
1111 1111*
Mask Interrupt register bank 1
22h
MSK2
7 to 0
M2[7:0]
R/W
1111 1111*
Mask Interrupt register bank 2
23h
MSK3
7 to 0
M3[7:0]
R/W
1111 1111*
Mask Interrupt register bank 3
24h
MSK4
7 to 0
M4[7:0]
R/W
1111 1111*
Mask Interrupt register bank 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com