Electronic Components Datasheet Search
  English  ▼

X  

PCA9671 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9671
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9671 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9671 Datasheet HTML 17Page - NXP Semiconductors PCA9671 Datasheet HTML 18Page - NXP Semiconductors PCA9671 Datasheet HTML 19Page - NXP Semiconductors PCA9671 Datasheet HTML 20Page - NXP Semiconductors PCA9671 Datasheet HTML 21Page - NXP Semiconductors PCA9671 Datasheet HTML 22Page - NXP Semiconductors PCA9671 Datasheet HTML 23Page - NXP Semiconductors PCA9671 Datasheet HTML 24Page - NXP Semiconductors PCA9671 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
PCA9671
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2010
21 of 35
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
13. Dynamic characteristics
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
[4]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region SCL’s falling edge.
Table 6.
Dynamic characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Fast-mode
Plus I2C-bus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000
kHz
tBUF
bus free time between a
STOP and START
condition
4.7
-
1.3
-
0.5
-
μs
tHD;STA
hold time (repeated)
START condition
4.0
-
0.6
-
0.26
-
μs
tSU;STA
set-up time for a repeated
START condition
4.7
-
0.6
-
0.26
-
μs
tSU;STO
set-up time for STOP
condition
4.0
-
0.6
-
0.26
-
μs
tHD;DAT
data hold time
0
-
0
-
0
-
ns
tVD;ACK
data valid acknowledge
time [1]
0.3
3.45
0.1
0.9
0.05
0.45
μs
tVD;DAT
data valid time [2]
300
-
50
-
50
450
ns
tSU;DAT
data set-up time
250
-
100
-
50
-
ns
tLOW
LOW period of the SCL
clock
4.7
-
1.3
-
0.5
-
μs
tHIGH
HIGH period of the SCL
clock
4.0
-
0.6
-
0.26
-
μs
tf
fall time of both SDA and
SCL signals
[4][5]
-
300
20 + 0.1Cb [3]
300
-
120
ns
tr
rise time of both SDA and
SCL signals
-
1000
20 + 0.1Cb[3]
300
-
120
ns
tSP
pulse width of spikes that
must be suppressed by
the input filter [6]
-50
-
50
-
50
ns
Port timing; CL ≤ 100 pF (see Figure 17 and Figure 16)
tv(Q)
data output valid time
-
4
-
4
-
4
μs
tsu(D)
data input set-up time
0
-
0
-
0
-
μs
th(D)
data input hold time
4
-
4
-
4
-
μs
Reset timing (see Figure 26)
tw(rst)
reset pulse width
4
-
4
-
4
-
ns
trec(rst)
reset recovery time
0
-
0
-
0
-
ns
trst
reset time
100
-
100
-
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com