Electronic Components Datasheet Search
  English  ▼

X  

PCA9671 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9671
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9671 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9671 Datasheet HTML 5Page - NXP Semiconductors PCA9671 Datasheet HTML 6Page - NXP Semiconductors PCA9671 Datasheet HTML 7Page - NXP Semiconductors PCA9671 Datasheet HTML 8Page - NXP Semiconductors PCA9671 Datasheet HTML 9Page - NXP Semiconductors PCA9671 Datasheet HTML 10Page - NXP Semiconductors PCA9671 Datasheet HTML 11Page - NXP Semiconductors PCA9671 Datasheet HTML 12Page - NXP Semiconductors PCA9671 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
PCA9671
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2010
9 of 35
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
7.2 Software Reset call, and device ID addresses
Two other different addresses can be sent to the PCA9671.
• General Call address: allows to reset the PCA9671 through the I2C-bus upon
reception of the right I2C-bus sequence. See Section 7.2.1 “Software Reset” for more
information.
• Device ID address: allows to read ID information from the device (manufacturer, part
identification, revision). See Section 7.2.2 “Device ID (PCA9671 ID field)” for more
information.
7.2.1 Software Reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up
state value through a specific formatted I2C-bus command. To be performed correctly, it
implies that the I2C-bus is functional and that there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus master.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to logic 0
(write) is sent by the I2C-bus master.
3. The PCA9671 device(s) acknowledge(s) after seeing the General Call address
‘0000 0000’ (00h) only. If the R/W bit is set to logic 1 (read), no acknowledge is
returned to the I2C-bus master.
4. Once the General Call address has been sent and acknowledged, the master sends
1 byte. The value of the byte must be equal to 06h.
a. The PCA9671 acknowledges this value only. If the byte is not equal to 06h, the
PCA9671 does not acknowledge it.
If more than 1 byte of data is sent, the PCA9671 does not acknowledge any more.
5. Once the right byte has been sent and correctly acknowledged, the master sends a
STOP command to end the Software Reset sequence: the PCA9671 then resets to
the default value (power-up value) and is ready to be addressed again within the
specified bus free time. If the master sends a Repeated START instead, no reset is
performed.
Fig 10. General Call address
Fig 11. Device ID address
0
002aac155
0
0
0
0
0
0
0
R/W
R/W
002aab638
1
1
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com