Electronic Components Datasheet Search
  English  ▼

X  

PCA9671 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9671
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9671 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9671 Datasheet HTML 9Page - NXP Semiconductors PCA9671 Datasheet HTML 10Page - NXP Semiconductors PCA9671 Datasheet HTML 11Page - NXP Semiconductors PCA9671 Datasheet HTML 12Page - NXP Semiconductors PCA9671 Datasheet HTML 13Page - NXP Semiconductors PCA9671 Datasheet HTML 14Page - NXP Semiconductors PCA9671 Datasheet HTML 15Page - NXP Semiconductors PCA9671 Datasheet HTML 16Page - NXP Semiconductors PCA9671 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PCA9671
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2010
13 of 35
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
8.3 Reading from a port (Input mode)
All ports programmed as input should be set to logic 1. To read, the master
(microcontroller) first addresses the slave device after it receives the interrupt. By setting
the last bit of the byte containing the slave address to logic 1 the Read mode is entered.
The data bytes that follow on the SDA are the values on the ports.
If the data on the input port changes faster than the master can read, this data may be
lost.
Fig 16. Write mode (output)
A5 A4 A3 A2 A1 A0
0
A
SA6
slave address
START condition
R/W
acknowledge
from slave
002aac250
P
06
1
P
07
data to port 0
A
acknowledge
from slave
12345678
SCL
9
SDA
A
acknowledge
from slave
write to port
data output from port
tv(Q)
P05
data to port 1
data A0 and B0 valid
P16 output voltage
Itrt(pu)
IOH
P16 pull-up ouput current
P
04
P
03
P
02
P
01
P
00
P
17
P
14
P
13
P
12
P
11
P
10
1
P16
P
15
tv(Q)
DATA A0 AND B0 VALID
P05 output voltage
Itrt(pu)
IOH
P05 pull-up ouput current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com