Electronic Components Datasheet Search
  English  ▼

X  

PCA9698 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9698 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9698 Datasheet HTML 1Page - NXP Semiconductors PCA9698 Datasheet HTML 2Page - NXP Semiconductors PCA9698 Datasheet HTML 3Page - NXP Semiconductors PCA9698 Datasheet HTML 4Page - NXP Semiconductors PCA9698 Datasheet HTML 5Page - NXP Semiconductors PCA9698 Datasheet HTML 6Page - NXP Semiconductors PCA9698 Datasheet HTML 7Page - NXP Semiconductors PCA9698 Datasheet HTML 8Page - NXP Semiconductors PCA9698 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
PCA9698
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
2 of 48
NXP Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
40 configurable I/O pins that default to inputs at power-up
Outputs:
Programmable totem-pole (10 mA source, 25 mA sink) or open-drain (25 mA sink)
with controlled edge rate output structure. Default to totem-pole on power-up.
Active LOW Output Enable (OE) input pin 3-states all outputs. Polarity can be
programmed to active HIGH through the I2C-bus. Defaults to OE on power-up.
Output state change programmable on the Acknowledge or the STOP Command to
update outputs byte-by-byte or all at the same time respectively. Defaults to
Acknowledge on power-up.
Inputs:
Open-drain active LOW Interrupt (INT) output pin allows monitoring of logic level
change of pins programmed as inputs
Programmable Interrupt Mask Control for input pins that do not require an interrupt
when their states change
Polarity Inverter register allows inversion of the polarity of the I/O pins when read
Active LOW SMBus Alert (SMBALERT) output pin allows to initiate SMBus ‘Alert
Response Address’ sequence. Own slave address sent when sequence initiated.
Active LOW Reset (RESET) input pin resets device to power-up default state
GPIO All Call address allows programming of more than one device at the same time
with the same parameters
64 programmable slave addresses using 3 address pins
Readable Device ID (manufacturer, device type and revision)
Designed for live insertion in PICMG applications
Minimize line disturbance (IOFF and power-up 3-state)
Signal transient rejection (50 ns noise filter and robust I2C-bus state machine)
Low standby current
−40 °C to +85 °C operation
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: TSSOP56, and HVQFN56
3.
Applications
Servers
RAID systems
Industrial control
Medical equipment
PLCs
Cell phones
Gaming machines
Instrumentation and test measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com