Electronic Components Datasheet Search
  English  ▼

X  

PCA9698 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9698 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9698 Datasheet HTML 9Page - NXP Semiconductors PCA9698 Datasheet HTML 10Page - NXP Semiconductors PCA9698 Datasheet HTML 11Page - NXP Semiconductors PCA9698 Datasheet HTML 12Page - NXP Semiconductors PCA9698 Datasheet HTML 13Page - NXP Semiconductors PCA9698 Datasheet HTML 14Page - NXP Semiconductors PCA9698 Datasheet HTML 15Page - NXP Semiconductors PCA9698 Datasheet HTML 16Page - NXP Semiconductors PCA9698 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
PCA9698
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
13 of 48
NXP Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.4.5 MSK0 to MSK4 - Mask interrupt registers
These registers mask the interrupt due to a change in the I/O pins configured as inputs.
‘x’ refers to the bank number (0 to 4); ‘y’ refers to the bit number (0 to 7).
Mx[y] = 0: A level change at the I/O will generate an interrupt if IOx_y defined as input
(Cx[y] in IOC register = 1).
Mx[y] = 1: A level change in the input port will not generate an interrupt if IOx_y defined
as input (Cx[y] in IOC register = 1).
7.4.6 OUTCONF - output structure configuration register
This register controls the configuration of the output ports as open-drain or totem-pole.
The 4 least significant bits control the output architecture for bank 0, 2 bits at a time.
OUT001 controls the output structure for IO0_0 and IO0_1
OUT023 controls the output structure for IO0_2 and IO0_3
OUT045 controls the output structure for IO0_4 and IO0_5
OUT067 controls the output structure for IO0_6 and IO0_7
The 4 most significant bits control the output architectures for bank 1 to bank 4, each bit
controlling one bank.
OUT1 controls the output structure for bank 1 (IO1_0 to IO1_7)
OUT2 controls the output structure for bank 2 (IO2_0 to IO2_7)
OUT3 controls the output structure for bank 3 (IO3_0 to IO3_7)
OUT4 controls the output structure for bank 4 (IO4_0 to IO4_7)
OUTx = 0: The I/Os are configured with an open-drain structure.
OUTx = 1: The I/Os are configured with a totem-pole structure.
Table 8.
MSK0 to MSK4 - Mask interrupt registers (address 20h to 24h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
20h
MSK0
7 to 0
M0[7:0]
R/W
1111 1111*
Mask Interrupt register bank 0
21h
MSK1
7 to 0
M1[7:0]
R/W
1111 1111*
Mask Interrupt register bank 1
22h
MSK2
7 to 0
M2[7:0]
R/W
1111 1111*
Mask Interrupt register bank 2
23h
MSK3
7 to 0
M3[7:0]
R/W
1111 1111*
Mask Interrupt register bank 3
24h
MSK4
7 to 0
M4[7:0]
R/W
1111 1111*
Mask Interrupt register bank 4
Table 9.
OUTCONF - output structure configuration register (address 28h) description
Bit
7
6
5
4
3
2
1
0
Symbol
OUT4
OUT3
OUT2
OUT1
OUT067
OUT045
OUT023
OUT001
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com