Electronic Components Datasheet Search
  English  ▼

X  

PCA9698 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9698 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9698 Datasheet HTML 4Page - NXP Semiconductors PCA9698 Datasheet HTML 5Page - NXP Semiconductors PCA9698 Datasheet HTML 6Page - NXP Semiconductors PCA9698 Datasheet HTML 7Page - NXP Semiconductors PCA9698 Datasheet HTML 8Page - NXP Semiconductors PCA9698 Datasheet HTML 9Page - NXP Semiconductors PCA9698 Datasheet HTML 10Page - NXP Semiconductors PCA9698 Datasheet HTML 11Page - NXP Semiconductors PCA9698 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
PCA9698
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
8 of 48
NXP Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.2 Alert response, GPIO All Call and Device ID addresses
Three other different addresses can be sent to the PCA9698.
• Alert Response address: allows to perform an ‘SMBus Alert’ operation as defined in
the SMBus specification. This address is always used to perform a Read operation.
See Section 7.11 “SMBus Alert output (SMBALERT)” for more information.
• GPIO All Call address: allows to program several Advanced GPIO devices at the
same time. This address is always used to perform a Write operation. See Section 7.6
“GPIO All Call” for more information.
• Device ID address: allows to read ID information from the device (manufacturer, part
identification, revision). See Section 7.5 “Device ID - PCA9698 ID field” for more
information.
7.3 Command register
Following the successful acknowledgement of the slave address + R/W bit, the bus
master will send a byte to the PCA9698, which will be stored in the Command register.
The lowest 6 bits are used as a pointer to determine which register will be accessed.
Registers are divided into 2 categories: 5-bank register category, and 1-bank register
category.
Only a command register code with the 7 least significant bits equal to the 28 allowable
values as defined in Table 3 “Register summary” will be acknowledged. Reserved or
undefined command codes will not be acknowledged. At power-up, this register defaults
to 80h, with the AI bit set to ‘1’, and the lowest 7 bits set to ‘0'.
During a write operation, the PCA9698 will acknowledge a byte sent to the OP, PI, IOC,
MSK, OUTCONF, ALLBNK, and MODE registers, but will not acknowledge a byte sent to
the IPx registers since these are read-only registers.
Fig 6.
Alert Response address
Fig 7.
GPIO All Call address
Fig 8.
Device ID address
1
002aab938
0
0
0
1
1
0
0
R/W
002aab939
1
1
0
1
1
1
0
0
R/W
R/W
002aab940
1
1
1
1
1
0
0
Fig 9.
Command register
0
002aab941
1
0
0
0
0
0
0
D0
AI
−
D5
D4
D3
D2
D1
register number
Auto-Increment
default at power-up
or after RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com