Electronic Components Datasheet Search
  English  ▼

X  

SE98ATL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE98ATL
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATL Datasheet(HTML) 2 Page - NXP Semiconductors

  SE98ATL Datasheet HTML 1Page - NXP Semiconductors SE98ATL Datasheet HTML 2Page - NXP Semiconductors SE98ATL Datasheet HTML 3Page - NXP Semiconductors SE98ATL Datasheet HTML 4Page - NXP Semiconductors SE98ATL Datasheet HTML 5Page - NXP Semiconductors SE98ATL Datasheet HTML 6Page - NXP Semiconductors SE98ATL Datasheet HTML 7Page - NXP Semiconductors SE98ATL Datasheet HTML 8Page - NXP Semiconductors SE98ATL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
2 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
Operating current: 250
μA (typ.) and 400 μA (max.)
Programmable hysteresis threshold: 0
°C, 1.5 °C, 3 °C, 6 °C
Over/under/critical temperature EVENT output
B grade accuracy:
±0.5 °C/±1 °C (typ./max.) → +75 °C to +95 °C
±1 °C/±2 °C (typ./max.) → +40 °C to +125 °C
±2 °C/±3 °C (typ./max.) →−40 °C to +125 °C
ESD protection exceeds 2000 V HBM per JESD22-A114, 250 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Available packages: TSSOP8, HWSON8 (PSON8 VCED-3) and HXSON8
3.
Applications
DDR2 and DDR3 memory modules
Laptops, personal computers and servers
Enterprise networking
Hard disk drives and other PC peripherals
4.
Ordering information
[1]
Industry standard 2 mm
× 3mm × 0.8 mm package to JEDEC VCED-3 PSON8 in 8 mm × 4 mm pitch tape 4 k quantity reels.
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
SE98APW
S98A
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 4.4 mm
SOT530-1
SE98ATP[1]
98A
HWSON8
plastic thermal enhanced very very thin small outline package;
no leads; 8 terminals; body 2
× 3 × 0.8 mm
SOT1069-2
SE98ATL
8AL
HXSON8
plastic thermal enhanced extremely thin small outline package;
no leads; 8 terminals; body 2
× 3 × 0.5 mm
SOT1052-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com