Electronic Components Datasheet Search
  English  ▼

X  

SE98ATL Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SE98ATL
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATL Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SE98ATL Datasheet HTML 9Page - NXP Semiconductors SE98ATL Datasheet HTML 10Page - NXP Semiconductors SE98ATL Datasheet HTML 11Page - NXP Semiconductors SE98ATL Datasheet HTML 12Page - NXP Semiconductors SE98ATL Datasheet HTML 13Page - NXP Semiconductors SE98ATL Datasheet HTML 14Page - NXP Semiconductors SE98ATL Datasheet HTML 15Page - NXP Semiconductors SE98ATL Datasheet HTML 16Page - NXP Semiconductors SE98ATL Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
13 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
7.9 SMBus/I2C-bus interface
The data registers in this device are selected by the Pointer register. At power-up, the
Pointer register is set to ‘00’, the location for the Capability register. The Pointer register
latches the last location it was set to. Each data register falls into one of three types of
user accessibility:
• Read only
• Write only
• Write/Read same address.
A ‘write’ to this device will always include the address byte and the pointer byte. A write to
any register other than the Pointer register requires two data bytes.
Reading this device can take place either of two ways:
• If the location latched in the Pointer register is correct (most of the time it is expected
that the Pointer register will point to one of the Temperature register (as it will be the
data most frequently read), then the read can simply consist of an address byte,
followed by retrieving the two data bytes.
• If the Pointer register needs to be set, then an address byte, pointer byte,
repeat START, and another address byte will accomplish a read.
The data byte has the most significant bit first. At the end of a read, this device can accept
either Acknowledge (ACK) or No Acknowledge (NACK) from the Master (No Acknowledge
is typically used as a signal for the slave that the Master has read its last byte). It takes
this device 125 ms to measure the temperature. Refer to the timing diagrams in Figure 8,
Figure 9, Figure 10 and Figure 11 on how to program the device.
A = ACK = Acknowledge bit. W = Write bit = 0. R = Read bit = 1.
Fig 8.
SMBus/I2C-bus write to the Pointer register
123456789123456789
SCL
A6
A5
A4
A3
A2
A1
A0
SDA
D7
D6
D5
D4
D3
D2
D1
D0
device address and write
register address
WA
S
START
ACK
by device
P
STOP
A
ACK
by device
002aab308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com