Electronic Components Datasheet Search
  English  ▼

X  

SE98ATL Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SE98ATL
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATL Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SE98ATL Datasheet HTML 32Page - NXP Semiconductors SE98ATL Datasheet HTML 33Page - NXP Semiconductors SE98ATL Datasheet HTML 34Page - NXP Semiconductors SE98ATL Datasheet HTML 35Page - NXP Semiconductors SE98ATL Datasheet HTML 36Page - NXP Semiconductors SE98ATL Datasheet HTML 37Page - NXP Semiconductors SE98ATL Datasheet HTML 38Page - NXP Semiconductors SE98ATL Datasheet HTML 39Page - NXP Semiconductors SE98ATL Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
SE98A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 November 2009
36 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
Fig 29. Package outline SOT1069-2 (HWSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1069-2
- - -
MO-229
- - -
sot1069-2_po
09-10-22
09-11-18
Unit
mm
max
nom
min
0.80
0.75
0.70
0.05
0.02
0.00
2.1
2.0
1.9
1.6
1.5
1.4
3.1
3.0
2.9
0.5
1.5
0.45
0.40
0.35
0.05
A(1)
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HWSON8: plastic thermal enhanced very very thin small outline package; no leads;
8 terminals; body 2 x 3 x 0.8 mm
SOT1069-2
A1
0.65
0.55
0.45
A2
0.2
A3
b
0.30
0.25
0.18
D(1)
D2
E(1)
E2
1.6
1.5
1.4
ee1
K
0.40
0.35
0.30
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
terminal 1
index area
B
A
D
E
detail X
A
A3
A1
A2
terminal 1
index area
b
e1
e
A
C
B
v
C
w
E2
L
K
D2
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com